Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1MD4 Fiches technique(PDF) 11 Page - Multicomp Pro

No de pièce 1MD4
Description  Toggle Switches Miniature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MULTICOMP [Multicomp Pro]
Site Internet  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1MD4 Fiches technique(HTML) 11 Page - Multicomp Pro

Back Button 1MD4 Datasheet HTML 3Page - Multicomp Pro 1MD4 Datasheet HTML 4Page - Multicomp Pro 1MD4 Datasheet HTML 5Page - Multicomp Pro 1MD4 Datasheet HTML 6Page - Multicomp Pro 1MD4 Datasheet HTML 7Page - Multicomp Pro 1MD4 Datasheet HTML 8Page - Multicomp Pro 1MD4 Datasheet HTML 9Page - Multicomp Pro 1MD4 Datasheet HTML 10Page - Multicomp Pro 1MD4 Datasheet HTML 11Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Page <11>
V1.1
13/06/23
Toggle Switches
Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Description
Part Number
Switch, PCB, SPDT, VERT
1MS5T2B4V2RE
Switch, PCB, DPDT, VERT
1MD1T2B4V3RE
Switch, PCB, SPDT, HORIZ
1MS1T2B4M6RE
Switch, PCB, SPDT, HORIZ
1MS3T2B4M6RE
Switch, PCB, SPDT, HORIZ
1MS4T2B4M6RE
Switch, PCB, DPDT, HORIZ
1MD1T2B4M6RE
Description
Part Number
Switch, PCB, DPDT, HORIZ
1MD3T2B4M6RE
Switch, PCB, SPDT, HORIZ
1MS1T2B4M7RE
Switch, PCB, SPDT, HORIZ
1MS3T2B4M7RE
Switch, PCB, DPDT, HORIZ
1MD1T2B4M7RE
Switch, SPDT, 2.0A, 250V
1MS1T1B5M1QE
Switch, SPDT
1MS3T1B5M1QE
Part Number Explanation
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com