Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1MD4 Fiches technique(PDF) 5 Page - Multicomp Pro

No de pièce 1MD4
Description  Toggle Switches Miniature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MULTICOMP [Multicomp Pro]
Site Internet  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1MD4 Fiches technique(HTML) 5 Page - Multicomp Pro

  1MD4 Datasheet HTML 1Page - Multicomp Pro 1MD4 Datasheet HTML 2Page - Multicomp Pro 1MD4 Datasheet HTML 3Page - Multicomp Pro 1MD4 Datasheet HTML 4Page - Multicomp Pro 1MD4 Datasheet HTML 5Page - Multicomp Pro 1MD4 Datasheet HTML 6Page - Multicomp Pro 1MD4 Datasheet HTML 7Page - Multicomp Pro 1MD4 Datasheet HTML 8Page - Multicomp Pro 1MD4 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Page <5>
V1.1
13/06/23
Toggle Switches
Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Dimensions : Inches (Millimetres)
T7
Use with B13 bushing
Use with B18, B20 the lever
is anti-rotation and the size of
lever is 13mm
T8
Use with B13 bushing
Use with B18, B20 the lever
is anti-rotation and the size of
lever is 18mm
T9
B1/B2 bushing std
with black and red colour only
(std).
TA Plastic Black
T11
Use with B18 bushing only
Note: T11 Actuator shown with standard B1 bushing:
Add 0.07 (1.78) for B3 bushing;
Subtract 0.02 (0.51) for B6 bushing.
Std for M1.M2 Terminal sub. 0.016 (0.4) for
M6.M7.VSX
Plastic No. Colour
No.
Colour
1
White
2
Black (Std)
3
Red
4
Orange
5
Yellow
6
Green
7
Blue
8
Brown
9
Grey
TL1B25
TL2B25
TL3B25



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com