Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC32 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce PIC32
Description  USB Starter Kit III User’s Guide
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button PIC32 Datasheet HTML 10Page - Microchip Technology PIC32 Datasheet HTML 11Page - Microchip Technology PIC32 Datasheet HTML 12Page - Microchip Technology PIC32 Datasheet HTML 13Page - Microchip Technology PIC32 Datasheet HTML 14Page - Microchip Technology PIC32 Datasheet HTML 15Page - Microchip Technology PIC32 Datasheet HTML 16Page - Microchip Technology PIC32 Datasheet HTML 17Page - Microchip Technology PIC32 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
PIC32 USB STARTER KIT III
USER’S GUIDE
 2013 Microchip Technology Inc.
DS70005132B-page 13
Chapter 1. Introduction
Thank you for purchasing the Microchip Technology Inc. PIC32 USB Starter Kit III. This
board provides a low-cost, modular development system for Microchip’s line of 32-bit
microcontrollers.
The starter kit is preloaded with demonstration software for the user to explore the new
features of the PIC32. It is also expandable through a modular expansion interface,
which allows the user to extend its functionality. The starter kit also supplies on-board
circuitry for full debug and programming capabilities.
This chapter covers the following topics:
• Kit Contents
• PIC32 Functionality and Features
The preprogrammed example code on the PIC32 MCU is available for download from
the Microchip web site at http://www.microchip.com. All project files have been included
so that the code may be used directly to restore the PIC32 MCU on the starter kit to its
original state (i.e., if the sample device has been reprogrammed with another program).
1.1
KIT CONTENTS
The PIC32 USB Starter Kit III contains the following items:
• PIC32 USB Starter Kit III Development Board
• USB mini-B to full-sized A cable – USB debug cable to debug and power the
board
• USB micro-B to full-sized A cable – PIC32 USB cable to communicate with the
PIC32 USB port
Note:
If you are missing any part of a kit, contact a Microchip sales office for
assistance. A list of Microchip offices for sales and service is provided at
the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33