| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC32 Fiches technique(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC32 Fiches technique(HTML) 1 Page - Microchip Technology |
|
1 / 33 page ![]() Americas Atlanta - 678-957-9614 Boston - 774-760-0087 Chicago - 630-285-0071 Cleveland - 216-447-0464 Dallas - 972-818-7423 Detroit - 248-538-2250 Indianapolis - 317-773-8323 Los Angeles - 949-462-9523 Phoenix - 480-792-7200 Santa Clara - 408-961-6444 Toronto - 905-673-0699 Europe Austria - Wels - 43-7242-2244-39 Denmark - Copenhagen - 45-4450-2828 France - Paris - 33-1-69-53-63-20 Germany - Munich - 49-89-627-144-0 Italy - Milan - 39-0331-742611 Netherlands - Drunen - 31-416-690399 Spain - Madrid - 34-91-708-08-90 UK - Wokingham - 44-118-921-5869 Asia/Pacific Australia - Sydney - 61-2-9868-6733 China - Beijing - 86-10-8569-2100 China - Chengdu - 86-28-8665-5511 China - Chongqing - 86-23-8980-9588 Asia/Pacific (Continued) China - Hangzhou - 86-571-2819-3187 China - Hong Kong SAR - 852-2943-5100 China - Nanjing- 86-25-8473-2460 China - Qingdao - 86-532-8502-7355 China - Shanghai - 86-21-5407-5533 China - Shenyang - 86-24-2334-2829 China - Shenzhen - 86-755-8864-2200 China - Wuhan - 86-27-5980-5300 China - Xiamen - 86-592-2388138 China - Xian - 86-29-8833-7252 China - Zhuhai - 86-756-3210040 India - Bangalore - 91-80-3090-4444 India - New Delhi - 91-11-4160-8631 India - Pune - 91-20-3019-1500 Japan - Osaka - 81-6-6152-7160 Japan - Tokyo - 81-3-6880-3770 Korea - Daegu - 82-53-744-4301 Korea - Seoul - 82-2-554-7200 Malaysia - Kuala Lumpur - 60-3-6201-9857 Malaysia - Penang - 60-4-227-8870 Philippines - Manila - 63-2-634-9065 Singapore - 65-6334-8870 Taiwan - Hsin Chu - 886-3-5778-366 Taiwan - Kaohsiung - 886-7-213-7828 Taiwan - Taipei - 886-2-2508-8600 Thailand - Bangkok - 66-2-694-1351 08/20/13 Microchip Technology Inc. • 2355 West Chandler Blvd. • Chandler, AZ 85224-6199 www.microchip.com The Microchip name and logo, the Microchip logo, and MPLAB are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein are property of their respective companies. © 2013, Microchip Technology Incorporated, Printed in the U.S.A. All Rights Reserved. 08/13 DS50002090B *DS50002090B* PIC32 USB Starter Kit III Information Sheet The PIC32 USB Starter Kit III (DM320003-3) provides a low-cost method for the development and testing of USB Host and Device applications with PIC32MX430/ 450/470 devices. This evaluation kit includes the PIC32 USB Starter Kit III board, standard A to mini-B USB cable for the debugger, standard A to micro-B cable for the USB application development, three user-programmable LEDs, and three push button switches. Installing MPLAB® IDE and C Compilers The MPLAB Integrated Development Environment (IDE) should be installed prior to using the PIC32 USB Starter Kit III. While MPLAB IDE provides the assembler tools for development, the Microchip demonstration code requires installation of a C compiler. Microchip’s MPLAB C Compiler seamlessly integrates into MPLAB IDE. Both the MPLAB IDE and MPLAB C Compiler are free (see the following note) and are available for download at www.microchip.com/MPLAB and www.microchip.com/ compilers, respectively. Microchip Demonstration Code and More Information For the free Microchip demonstration code and more information, please visit the PIC32 USB Starter Kit III page at: www.microchip.com. From the Design menu, click Development Tools. Then, from the Starter Kits menu, click Starter Kits, and then click PIC32 USB Starter Kit III. From the downloads section, select the desired device application. Running the PIC32 USB Starter Kit III Demonstration Code After downloading and installing the Microchip development tools, please refer to the README.txt file in the demonstration folder for instructions on running the code. Note: Standard Evaluation (Free) – All optimization levels are enabled for 60 days, but then revert to optimization level 1 only. |
Numéro de pièce similaire - PIC32 |
|
Description similaire - PIC32 |