Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM5109AMA/NOPB.B Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM5109AMA/NOPB.B
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109AMA/NOPB.B Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM5109AMA/NOPB.B Datasheet HTML 6Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 7Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 8Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 9Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 10Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 11Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 12Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 13Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
LM5109A
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
To operate power MOSFETs at high switching frequencies and to reduce associated switching losses, a powerful
gate driver is employed between the PWM output of controller and the gates of the power semiconductor
devices. Also, gate drivers are indispensable when it is impossible for the PWM controller to directly drive the
gates of the switching devices. With the advent of digital power, this situation is often encountered because the
PWM signal from the digital controller is often a 3.3-V logic signal which cannot effectively turn on a power
switch. Level shift circuit is needed to boost the 3.3-V signal to the gate-drive voltage (such as 12 V) to fully turn
on the power device and minimize conduction losses. Traditional buffer drive circuits based on NPN and PNP
bipolar transistors in totem-pole arrangement prove inadequate with digital power because they lack level-shifting
capability. Gate drivers effectively combine both the level-shifting and buffer-drive functions. Gate drivers also
find other needs such as minimizing the effect of high-frequency switching noise (by placing the high-current
driver IC physically close to the power switch), driving gate-drive transformers and controlling floating power-
device gates, reducing power dissipation and thermal stress in controllers by moving gate charge power losses
from the controller into the driver.
The LM5109A is the high-voltage gate drivers designed to drive both the high-side and low-side N-channel
MOSFETs in a half-bridge configuration, full-bridge configuration, or in a synchronous buck circuit. The floating
high-side driver is capable of operating with supply voltages up to 90 V. This allows for N-channel MOSFETs
control in half-bridge, full-bridge, push-pull, two-switch forward and active clamp topologies. The outputs are
independently controlled. Each channel is controlled by its respective input pins (HI and LI), allowing full and
independent flexibility to control ON and OFF-time of the output.
8.1.1 HS Transient Voltages Below Ground
The HS node will always be clamped by the body diode of the lower external FET. In some situations, board
resistances and inductances can cause the HS node to transiently swing several volts below ground. The HS
node can swing below ground provided:
1. HS must always be at a lower potential than HO. Pulling HO more than –0.3V below HS can activate
parasitic transistors resulting in excessive current flow from the HB supply, possibly resulting in damage to
the IC. The same relationship is true with LO and VSS. If necessary, a Schottky diode can be placed
externally between HO and HS or LO and GND to protect the IC from this type of transient. The diode must
be placed as close to the IC pins as possible in order to be effective.
2. HB to HS operating voltage should be 15V or less. Hence, if the HS pin transient voltage is –5V, VDD should
be ideally limited to 10V to keep HB to HS below 15V.
3. Low ESR bypass capacitors from HB to HS and from VDD to VSS are essential for proper operation. The
capacitor should be located at the leads of the IC to minimize series inductance. The peak currents from LO
and HO can be quite large. Any series inductances with the bypass capacitor will cause voltage ringing at the
leads of the IC which must be avoided for reliable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29