| Moteur de recherche de fiches techniques de composants électroniques |
|
LM5109AMA/NOPB.B Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM5109AMA/NOPB.B Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 29 page ![]() DRIVER DRIVER LEVEL SHIFT UVLO UVLO HI VDD L I VSS HB HO HS LO HV VDD Copyright © 2016, Texas Instruments Incorporated 8 LM5109A SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016 www.ti.com Product Folder Links: LM5109A Submit Documentation Feedback Copyright © 2006–2016, Texas Instruments Incorporated 7 Detailed Description 7.1 Overview The LM5109A is a cost-effective, high-voltage gate driver designed to drive both the high-side and the low-side N-channel FETs in a synchronous buck or a half-bridge configuration. The outputs are independently controlled with TTL compatible input thresholds. The floating high-side driver is capable of working with HB voltage up to 108 V. An external high-voltage diode must be provided to charge high-side gate drive bootstrap capacitor. A robust level shifter operates at high speed while consuming low power and providing clean level transitions from the control logic to the high-side gate driver. Undervoltage lockout (UVLO) is provided on both the low-side and the high-side power rails. 7.2 Functional Block Diagram 7.3 Feature Description 7.3.1 Start-Up and UVLO Both top and bottom drivers include UVLO protection circuitry which monitors the supply voltage (VDD) and bootstrap capacitor voltage (VHB–HS) independently. The UVLO circuit inhibits the output until sufficient supply voltage is available to turn on the external MOSFETs, and the built-in UVLO hysteresis prevents chattering during supply voltage variations. When the supply voltage is applied to the VDD pin of the LM5109A, the top and bottom gates are held low until VDD exceeds the UVLO threshold, typically about 6.7 V. Any UVLO condition on the bootstrap capacitor (VHB–HS) will only disable the high-side output (HO). 7.3.2 Level Shift The level shift circuit is the interface from the high-side input to the high-side driver stage which is referenced to the switch node (HS). The level shift allows control of the HO output which is referenced to the HS pin and provides excellent delay matching with the low-side driver. |