Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F446VC Fiches technique(PDF) 87 Page - STMicroelectronics

No de pièce STM32F446VC
Description  ARM® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446VC Fiches technique(HTML) 87 Page - STMicroelectronics

Back Button STM32F446VC Datasheet HTML 83Page - STMicroelectronics STM32F446VC Datasheet HTML 84Page - STMicroelectronics STM32F446VC Datasheet HTML 85Page - STMicroelectronics STM32F446VC Datasheet HTML 86Page - STMicroelectronics STM32F446VC Datasheet HTML 87Page - STMicroelectronics STM32F446VC Datasheet HTML 88Page - STMicroelectronics STM32F446VC Datasheet HTML 89Page - STMicroelectronics STM32F446VC Datasheet HTML 90Page - STMicroelectronics STM32F446VC Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 202 page
background image
DocID027107 Rev 6
87/202
STM32F446xC/E
Electrical characteristics
175
IDD
Supply
current in
Sleep
mode
External
clock, PLL
on all
peripherals
disabled
Flash on
180
11.36
17.59
28.2
51.6
mA
168(2)
10.20
16.19
22.0
31.8
150
9.53
15.59
21.1
30.9
144(2)
8.90
14.87
19.7
28.4
120
7.35
13.24
16.5
23.3
90
6.39
12.40
15.3
21.9
60
5.28
11.17
14.1
20.7
30
4.43
10.31
13.1
19.6
25
4.23
10.12
12.85
19.30
Flash in
Deep
Power
Down
mode
180
8.3
13.44
30.72
37.20
168(2)
7.3
12.25
25.16
28.80
150
6.7
11.60
24.27
27.84
144(2)
6.1
11.08
23.25
26.28
120
4.7
9.64
20.95
23.72
90
3.8
8.80
19.77
22.57
60
2.8
7.74
18.69
21.32
30
2.0
6.89
17.66
20.40
25
1.8
6.70
17.43
20.17
Flash in
STOP
mode
180
8.3
13.44
30.72
37.20
168(2)
7.3
12.25
25.16
28.80
150
6.7
11.60
24.27
27.84
144(2)
6.1
11.08
23.25
26.28
120
4.7
9.64
20.95
23.72
90
3.8
8.80
19.77
22.57
60
2.8
7.74
18.69
21.32
30
2.0
6.89
17.66
20.40
25
1.8
6.70
17.43
20.17
Table 26. Typical and maximum current consumption in Sleep mode(1) (continued)
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max
Unit
TA = 25
°C
TA = 25
°C
TA = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More