Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F446VC Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce STM32F446VC
Description  ARM® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446VC Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button STM32F446VC Datasheet HTML 59Page - STMicroelectronics STM32F446VC Datasheet HTML 60Page - STMicroelectronics STM32F446VC Datasheet HTML 61Page - STMicroelectronics STM32F446VC Datasheet HTML 62Page - STMicroelectronics STM32F446VC Datasheet HTML 63Page - STMicroelectronics STM32F446VC Datasheet HTML 64Page - STMicroelectronics STM32F446VC Datasheet HTML 65Page - STMicroelectronics STM32F446VC Datasheet HTML 66Page - STMicroelectronics STM32F446VC Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 202 page
background image
Port E
PE0
-
-
TIM4_ETR
-
-
-
-
-
-
-
SAI2_
MCLK_A
-
FMC_
NBL0
DCMI_D2
-
EVENT
OUT
PE1
-
-
-
-
-
-
-
-
-
-
-
-
FMC_
NBL1
DCMI_D3
-
EVENT
OUT
PE2
TRACE
CLK
--
-
-
SPI4_SCK
SAI1_
MCLK_A
--
QUADSPI_
BK1_IO2
--
FMC_A23
-
-
EVENT
OUT
PE3
TRACE
D0
--
-
-
-
SAI1_
SD_B
-
-
-
-
-
FMC_A19
-
-
EVENT
OUT
PE4
TRACE
D1
-
-
-
-
SPI4_NSS
SAI1_
FS_A
-
-
-
-
-
FMC_A20
DCMI_D4
-
EVENT
OUT
PE5
TRACE
D2
-
-
TIM9_CH1
-
SPI4_MISO
SAI1_
SCK_A
-
-
-
-
-
FMC_A21
DCMI_D6
-
EVENT
OUT
PE6
TRACE
D3
-
-
TIM9_CH2
-
SPI4_MOSI
SAI1_
SD_A
-
-
-
-
-
FMC_A22
DCMI_D7
-
EVENT
OUT
PE7
-
TIM1_ETR
-
-
-
-
-
-
UART5_RX
-
QUADSPI_
BK2_IO0
-FMC_D4
-
-
EVENT
OUT
PE8
-
TIM1_CH1N
-
-
-
-
-
-
UART5_TX
-
QUADSPI_
BK2_IO1
-FMC_D5
-
-
EVENT
OUT
PE9
-
TIM1_CH1
-
-
-
-
-
-
-
-
QUADSPI_
BK2_IO2
-FMC_D6
-
-
EVENT
OUT
PE10
-
TIM1_CH2N
-
-
-
-
-
-
-
-
QUADSPI_
BK2_IO3
-FMC_D7
-
-
EVENT
OUT
PE11
-
TIM1_CH2
-
-
-
SPI4_NSS
-
-
-
-
SAI2_
SD_B
-
FMC_D8
-
-
EVENT
OUT
PE12
-
TIM1_CH3N
-
-
-
SPI4_SCK
-
-
-
-
SAI2_
SCK_B
-FMC_D9
-
-
EVENT
OUT
PE13
-
TIM1_CH3
-
-
-
SPI4_MISO
-
-
-
-
SAI2_
FS_B
-
FMC_D10
-
-
EVENT
OUT
PE14
-
TIM1_CH4
-
-
-
SPI4_MOSI
-
-
-
-
SAI2_
MCLK_B
-FMC_D11
-
-
EVENT
OUT
PE15
-
TIM1_BKIN
-
-
-
-
-
-
-
-
-
-
FMC_D12
-
-
EVENT
OUT
Table 11. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/
10/11/
CEC
I2C1/2/3
/4/CEC
SPI1/2/3/
4
SPI2/3/4/
SAI1
SPI2/3/
USART1/
2/3/UART
5/SPDIFR
X
SAI/
USART6/
UART4/5/
SPDIFRX
CAN1/2
TIM12/13/
14/
QUADSPI
SAI2/
QUADSPI/
OTG2_HS/
OTG1_FS
OTG1_FS
FMC/
SDIO/
OTG2_FS
DCMI
-
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More