Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8545ATT/AJ Fiches technique(PDF) 59 Page - NXP Semiconductors

No de pièce PCF8545ATT/AJ
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/AJ Fiches technique(HTML) 59 Page - NXP Semiconductors

Back Button PCF8545ATT/AJ Datasheet HTML 55Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 56Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 57Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 58Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 59Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 60Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 61Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 62Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
59 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
For further information on temperature profiles, refer to Application Note AN10365
“Surface mount reflow soldering description”.
MSL: Moisture Sensitivity Level
Fig 47. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72