Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8545ATT/AJ Fiches technique(PDF) 33 Page - NXP Semiconductors

No de pièce PCF8545ATT/AJ
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/AJ Fiches technique(HTML) 33 Page - NXP Semiconductors

Back Button PCF8545ATT/AJ Datasheet HTML 29Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 30Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 31Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 32Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 33Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 34Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 35Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 36Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
33 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
The remaining bits are wrapped over into the next column. In order to fill the whole RAM,
31 and a half bytes need to be sent to the PCF8545. After the last byte sent, the data
pointer must be reset before the next RAM content update. Additional data bytes sent and
any data bits that spill over the RAM are discarded. Depending on the start address of the
data pointer, there are three possible boundary conditions. See Figure 23.
Fig 22. Display RAM filling order in 1:6 multiplex drive mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72