| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8545ATT/A Fiches technique(PDF) 62 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT/A Fiches technique(HTML) 62 Page - NXP Semiconductors |
|
62 / 72 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx [1] Can be selected by command. [2] Can be selected by pin configuration. PCA8543AHL 60 120 - 240 ---2.5 to 5.5 2.5 to 9 60 to 300[1] YY 40 to 105 I2CLQFP80 Y PCF8545ATT[5] - - - 176 252 320 - 1.8to5.5 2.5to5.5 60to300[1] NN 40 to 85 I2CTSSOP56 N PCF8545BTT[5] - - - 176 252 320 - 1.8to5.5 2.5to5.5 60to300[1] NN 40 to 85 SPI TSSOP56 N PCF8536AT[4] - - - 176 252 320 - 1.8to5.5 2.5to9 60to300[1] NN 40 to 85 I2CTSSOP56 N PCF8536BT[4] - - - 176 252 320 - 1.8to5.5 2.5to9 60to300[1] NN 40 to 85 SPI TSSOP56 N PCA8536AT[4] - - - 176 252 320 - 1.8to5.5 2.5to9 60to300[1] NN 40 to 95 I2CTSSOP56 Y PCA8536BT[4] - - - 176 252 320 - 1.8to5.5 2.5to9 60to300[1] NN 40 to 95 SPI TSSOP56 Y PCF8537AH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[1] YY[3] 40 to 85 I2CTQFP64 N PCF8537BH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[1] YY[3] 40 to 85 SPI TQFP64 N PCA8537AH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[1] YY[3] 40 to 95 I2CTQFP64 Y PCA8537BH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[1] YY[3] 40 to 95 SPI TQFP64 Y PCA9620H 60 120 - 240 320 480 - 2.5 to 5.5 2.5 to 9 60 to 300[1] YY[3] 40 to 105 I2CLQFP80 Y PCA9620U 60 120 - 240 320 480 - 2.5 to 5.5 2.5 to 9 60 to 300[1] YY[3] 40 to 105 I2C bare die Y PCF8552DUG[5] 36 72 108 144 ---1.8 to 5.5 1.8 to 5.5 32 to 128[1] NN 40 to 85 I2C, SPI bare die N PCA8552DUG[5] 36 72 108 144 ---1.8 to 5.5 1.8 to 5.5 32 to 256[1] NN 40 to 105 I2C, SPI bare die Y PCF8576DU 40 80 120 160 ---1.8 to 5.5 2.5 to 6.5 77 N N 40 to 85 I2C bare die N PCF8576EUG 40 80 120 160 ---1.8 to 5.5 2.5 to 6.5 77 N N 40 to 85 I2C bare die N PCA8576FUG[5] 40 80 120 160 ---1.8 to 5.5 2.5 to 8 200 N N 40 to 105 I2C bare die Y PCF85133U 80 160 240 320 ---1.8 to 5.5 2.5 to 6.5 82, 110[2] NN 40 to 85 I2C bare die N PCA85133U 80 160 240 320 ---1.8 to 5.5 2.5 to 8 82, 110[2] NN 40 to 95 I2C bare die Y PCA85233U 80 160 240 320 ---1.8 to 5.5 2.5 to 8 150, 220[2] NN 40 to 105 I2C bare die Y PCA8530DUG[5] 102 204 - 408 ---2.5 to 5.5 4 to 12 45 to 300[1] YY[3] 40 to 105 I2C, SPI bare die Y PCF85132U 160 320 480 640 ---1.8 to 5.5 1.8 to 8 60 to 90[1] NN 40 to 85 I2C bare die N PCA85132U 160 320 480 640 ---1.8 to 5.5 1.8 to 8 60 to 90[1] NN 40 to 95 I2C bare die Y PCA85232U 160 320 480 640 ---1.8 to 5.5 1.8 to 8 117 to 176[1] NN 40 to 95 I2C bare die Y PCF8538UG[5] 102 204 - 408 612 816 918 2.5 to 5.5 4 to 12 45 to 300[1] YY[3] 40 to 85 I2C, SPI[2] bare die N PCA8538UG 102 204 - 408 612 816 918 2.5 to 5.5 4 to 12 45 to 300[1] YY[3] 40 to 105 I2C, SPI[2] bare die Y Table 40. Selection of LCD segment drivers …continued Type name Number of elements at MUX VDD (V) VLCD (V) ffr (Hz) VLCD (V) charge pump VLCD (V) temperature compensat. Tamb (C) Interface Package AEC- Q100 1:1 1:2 1:3 1:4 1:6 1:8 1:9 |