| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8545ATT/A Fiches technique(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT/A Fiches technique(HTML) 44 Page - NXP Semiconductors |
|
44 / 72 page ![]() PCF8545 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 1 — 13 November 2013 44 of 72 NXP Semiconductors PCF8545 Universal LCD driver for multiplex rates up to 1:8 10. Internal circuitry 11. Safety notes Fig 35. Device protection diagram for PCF8545A Fig 36. Device protection diagram for PCF8545B CAUTION This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling electrostatic sensitive devices. Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or equivalent standards. CAUTION Static voltages across the liquid crystal display can build up when the LCD supply voltage (VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together. |