Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS2L25U Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STPS2L25U
Description  Low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L25U Fiches technique(HTML) 6 Page - STMicroelectronics

  STPS2L25U Datasheet HTML 1Page - STMicroelectronics STPS2L25U Datasheet HTML 2Page - STMicroelectronics STPS2L25U Datasheet HTML 3Page - STMicroelectronics STPS2L25U Datasheet HTML 4Page - STMicroelectronics STPS2L25U Datasheet HTML 5Page - STMicroelectronics STPS2L25U Datasheet HTML 6Page - STMicroelectronics STPS2L25U Datasheet HTML 7Page - STMicroelectronics STPS2L25U Datasheet HTML 8Page - STMicroelectronics STPS2L25U Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
STPS2L25
6/9
2
Package information
●
Epoxy meets UL94, V0
Figure 16.
SMB footprint (dimensions in mm)
Table 4.
SMB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
D
3.30
3.95
0.130
0.156
L
0.75
1.50
0.030
0.059
E
C
L
E1
D
A1
A2
b
2.60
5.84
1.62
2.18
1.62



Html Pages

1 2 3 4 5 6 7 8 9