| Moteur de recherche de fiches techniques de composants électroniques |
|
ADS7828 Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS7828 Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 36 page ![]() ADS7828-Q1 SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016 www.ti.com 7.4.2 Command Byte The operating mode is determined by a command byte (see Figure 16). Figure 16. Command Byte MSB 6 5 4 3 2 1 LSB SD C2 C1 C0 PD1 PD0 X X SD: Single-ended or differential inputs 0 = Differential inputs 1 = Single-ended inputs C2 to C0: Channel selections (see Table 1) PD1, PD0: Power-down selection (see Table 2) X: Unused Table 1. Channel Selection Control Addressed by Command Byte COMMAND BYTE INPUTS CHANNEL SELECTIONS SD C2 C1 C0 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM 0 0 0 0 +IN –IN — — — — — — — 0 0 0 1 — — +IN –IN — — — — — 0 0 1 0 — — — — +IN –IN — — — 0 0 1 1 — — — — — — +IN –IN — 0 1 0 0 –IN +IN — — — — — — — 0 1 0 1 — — –IN +IN — — — — — 0 1 1 0 — — — — –IN +IN — — — 0 1 1 1 — — — — — — –IN +IN — 1 0 0 0 +IN — — — — — — — –IN 1 0 0 1 — — +IN — — — — — –IN 1 0 1 0 — — — — +IN — — — –IN 1 0 1 1 — — — — — — +IN — –IN 1 1 0 0 — +IN — — — — — — –IN 1 1 0 1 — — — +IN — — — — –IN 1 1 1 0 — — — — — +IN — — –IN 1 1 1 1 — — — — — — — +IN –IN Table 2. Power-Down Selection PD1 PD0 DESCRIPTION 0 0 Power down between ADC conversions 0 1 Internal reference off and ADC on 1 0 Internal reference on and ADC off 1 1 Internal reference on and ADC on 7.4.3 Initiating Conversion Provided the master has write-addressed it, the ADS7828 turns on the ADC section and begins conversions when it receives bit 4 of the command byte shown in Figure 16. If the command byte is correct, the ADS7828 returns an ACK condition. 18 Submit Documentation Feedback Copyright © 2008–2016, Texas Instruments Incorporated Product Folder Links: ADS7828-Q1 |