Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4187 Fiches technique(PDF) 2 Page - Adafruit Industries

No de pièce 4187
Description  LED Illuminated Triangle Pushbutton A.K.A 1960s Sci-Fi Buttons - Blue
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADAFRUIT [Adafruit Industries]
Site Internet  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4187 Fiches technique(HTML) 2 Page - Adafruit Industries

  4187 Datasheet HTML 1Page - Adafruit Industries 4187 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
The body is a black plastic with the LED built inside. There are two contacts for
the button and two contacts for the LED, one marked + and one -. The forward
voltage of the LED is about 2.2V so connect a 220 to 1000 ohm resistor in series
just as you would with any other LED to your 3V or higher power supply. We'll
note that the LED this comes with is not so great. We really recommend a
diffused LED but these come with a non-diffused one and it wasn't possible to
get them customized. So! We recommend picking up some diffused 5mm LEDs
and winding them into the switch for a better look.
The two switch contacts are not connected normally. When you push the button
they will temporarily connect until the button is released. The LED is separated
from the button, so you can make it light up when pressed, light up when not
pressed, always lit, etc.
 
https://www.adafruit.com/product/4187/5‐29‐19 



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com