Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4187 Fiches technique(PDF) 1 Page - Adafruit Industries

No de pièce 4187
Description  LED Illuminated Triangle Pushbutton A.K.A 1960s Sci-Fi Buttons - Blue
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADAFRUIT [Adafruit Industries]
Site Internet  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4187 Fiches technique(HTML) 1 Page - Adafruit Industries

  4187 Datasheet HTML 1Page - Adafruit Industries 4187 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
LED Illuminated Triangle Pushbutton
A.K.A 1960s Sci-Fi Buttons - Blue
PRODUCT ID: 4187
We've got plenty of round and square buttons, but these LED Illuminated
Triangle Pushbuttons are welcome to the party. These make us think of 1960's
or 70's Sci-Fi control board buttons. As
everyone knows, triangular buttons are
the
most retro-futuristic of all button shapes. Get 6 of them together for a cool
hexagonal arrangement, or just have one triangle at a time.
These buttons are medium-sized, large enough to press easily, but not too big
that it gets in the way of your project panel. Each button contains a built-in LED
that can be controlled separately from the switch action - either to indicate or
just to look good. This particular button has a blue plastic coloring.


Numéro de pièce similaire - 4187

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
4187 HEYCO-4187 Datasheet
112Kb / 1P
Lockit™ Loops and Clips
4187 HEYCO-4187 Datasheet
112Kb / 1P
Lockit Loops and Clips
logo
OSRAM GmbH
41870 SP OSRAM-41870 SP Datasheet
111Kb / 4P
DECOSTAR 51/51S
41870 WFL OSRAM-41870 WFL Datasheet
111Kb / 4P
DECOSTAR 51/51S
More results

Description similaire - 4187

FabricantNo de pièceFiches techniqueDescription
logo
GREATECS
PB40 GREATECS-PB40 Datasheet
1Mb / 7P
Illuminated Pushbutton Switch with LED
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
ILLUMINATED PUSHBUTTON
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST03 SCHNEIDER-XB4BWCUST03 Datasheet
163Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com