Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

641237 Fiches technique(PDF) 75 Page - TE Connectivity Ltd

No de pièce 641237
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 Fiches technique(HTML) 75 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 71Page - TE Connectivity Ltd 641237 Datasheet HTML 72Page - TE Connectivity Ltd 641237 Datasheet HTML 73Page - TE Connectivity Ltd 641237 Datasheet HTML 74Page - TE Connectivity Ltd 641237 Datasheet HTML 75Page - TE Connectivity Ltd 641237 Datasheet HTML 76Page - TE Connectivity Ltd 641237 Datasheet HTML 77Page - TE Connectivity Ltd 641237 Datasheet HTML 78Page - TE Connectivity Ltd 641237 Datasheet HTML 79Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
Insulation Strain Relief
Conductor
Insulation will be contained
within the confines of the
insulation strain relief as indicated
B Min.
A
Top of
Contact
Conductor
Bare wires will not be visible
beyond back of housing
Centerline of Conductor
Back of Housing
Bare wires
will not extend
above top of contact
Choose the appropriate MTA Connector from the MTA Catalog 82056.
Select the proper wire style and AWG for the chosen MTA Connector
(Refer to pages 70-74).
Choose the MTA Termination Tooling (Refer to pages 76-79).
Terminate the Wire-to-MTA Connector per Application Tooling Instruction Sheet.
Inspect the MTA Wire Termination per Application Specification, especially the wire
depth. See illustrations: 114-13072 — MTA-50 Connectors, 114-1019 — MTA-100
Connectors, 114-1020— MTA-156 Connectors, Posted Connector, Card Edge,
114-1048 — MTA-156 Quad Connectors, 114-1031 — MTA-100 Ribbon Cable
Connector Assembly, and 114-1032 — MTA-156 Ribbon Cable Connector Assembly.
Adjust the Termination Tooling (if needed) per Tooling Instruction Sheet
(repeat the step above).
Connector
AB
MTA-100
.069–.087
.040
[1.75-2.21]
[1.02]
MTA-156
.090–.113
.060
[2.29-2.87]
[1.52]
75
MTA Wire Termination Flowchart
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84