| Moteur de recherche de fiches techniques de composants électroniques |
|
641237 Fiches technique(PDF) 74 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
641237 Fiches technique(HTML) 74 Page - TE Connectivity Ltd |
|
74 / 84 page ![]() 74 In addition to bulk cable, the US Engineering Cable Assembly Group offers Prepared Cable for the .100 [2.54] and .156 [3.96] cen- terline cables. This can be in the form of prenotched cable on reels or cut-to- length cable segments. Prenotched 250 foot reels of cable can be produced with notches at varying increments or repeating all along the cable. The maxi- mum width of these cables is 20 conductor for the .100 [2.54] centerline and 13 conductor for the .156 [3.96] centerline. Prepared Cable is also available with a Strip and Retain feature allowing the cable assembly to be sol- dered directly to the PC Board. This saves space and cost and reduces spare parts inventory. Strip and Retain on both ends is used in family board appli- cations to maintain the electrical connection when the PC Board is separated into smaller boards after soldering. Widths are limited to 20 conductors for the .100 [2.54] centerline and 13 conductors for the .156 [3.96] centerline. However, multiple cables can be placed side-by-side in a single connector. For other styles and configurations contact the product engi- neer or product manager. Prepared IDC Ribbon Cable MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |