Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L452RET6 Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce STM32L452RET6
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452RET6 Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button STM32L452RET6 Datasheet HTML 75Page - STMicroelectronics STM32L452RET6 Datasheet HTML 76Page - STMicroelectronics STM32L452RET6 Datasheet HTML 77Page - STMicroelectronics STM32L452RET6 Datasheet HTML 78Page - STMicroelectronics STM32L452RET6 Datasheet HTML 79Page - STMicroelectronics STM32L452RET6 Datasheet HTML 80Page - STMicroelectronics STM32L452RET6 Datasheet HTML 81Page - STMicroelectronics STM32L452RET6 Datasheet HTML 82Page - STMicroelectronics STM32L452RET6 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 210 page
background image
Port C
PC0
LPUART1_RX
----
-
LPTIM2_IN1
EVENTOUT
PC1
LPUART1_TX
----
-
-
EVENTOUT
PC2
-
----
-
-
EVENTOUT
PC3
-
----
SAI1_SD_A
LPTIM2_ETR
EVENTOUT
PC4
-
----
-
-
EVENTOUT
PC5
-
----
-
-
EVENTOUT
PC6
-
TSC_G4_IO1
-
-
SDMMC1_D6
-
-
EVENTOUT
PC7
-
TSC_G4_IO2
-
-
SDMMC1_D7
-
-
EVENTOUT
PC8
-
TSC_G4_IO3
-
-
SDMMC1_D0
-
-
EVENTOUT
PC9
-
TSC_G4_IO4
USBNOE
-
SDMMC1_D1
-
-
EVENTOUT
PC10
UART4_TX
TSC_G3_IO2
-
-
SDMMC1_D2
-
-
EVENTOUT
PC11
UART4_RX
TSC_G3_IO3
-
-
SDMMC1_D3
-
-
EVENTOUT
PC12
-
TSC_G3_IO4
-
-
SDMMC1_CK
-
-
EVENTOUT
PC13
-
----
-
-
EVENTOUT
PC14
-
----
-
-
EVENTOUT
PC15
-
----
-
-
EVENTOUT
Table 18. Alternate function AF8 to AF15 (for AF0 to AF7 see Table 17) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
UART4/
LPUART1/
CAN1
CAN1/TSC
CAN1/USB/
QUADSPI
-
SDMMC1/
COMP1/
COMP2
SAI1
TIM2/TIM15/
TIM16/LPTIM2
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More