| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L452RET6 Fiches technique(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452RET6 Fiches technique(HTML) 65 Page - STMicroelectronics |
|
65 / 210 page ![]() DocID029968 Rev 3 65/210 STM32L452xx Pinouts and pin description 85 21 H4 29 28 G7 47 L10 PB10 I/O FT_f - TIM2_CH3, I2C4_SCL, I2C2_SCL, SPI2_SCK, USART3_TX, LPUART1_RX, TSC_SYNC, QUADSPI_CLK, COMP1_OUT, SAI1_SCK_A, EVENTOUT - 22 H3 30 29 H7 48 L11 PB11 I/O FT_f - TIM2_CH4, I2C4_SDA, I2C2_SDA, USART3_RX, LPUART1_TX, QUADSPI_BK1_NCS, COMP2_OUT, EVENTOUT - --- 30 - - - VDD12 S - - - - 23 H2 31 31 D6 49 F12 VSS S - - - - 24 H1 32 32 E6 50 G12 VDD S - - - - 25 G3 33 33 H8 51 L12 PB12 I/O FT - TIM1_BKIN, TIM1_BKIN_COMP2, I2C2_SMBA, SPI2_NSS, DFSDM1_DATIN1, USART3_CK, LPUART1_RTS_DE, TSC_G1_IO1, CAN1_RX, SAI1_FS_A, TIM15_BKIN, EVENTOUT - 26 G2 34 34 G8 52 K12 PB13 I/O FT_f - TIM1_CH1N, I2C2_SCL, SPI2_SCK, DFSDM1_CKIN1, USART3_CTS, LPUART1_CTS, TSC_G1_IO2, CAN1_TX, SAI1_SCK_A, TIM15_CH1N, EVENTOUT - 27 G1 35 35 F8 53 K11 PB14 I/O FT_f - TIM1_CH2N, I2C2_SDA, SPI2_MISO, DFSDM1_DATIN2, USART3_RTS_DE, TSC_G1_IO3, SAI1_MCLK_A, TIM15_CH1, EVENTOUT - Table 16. STM32L452xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |