Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REG103FA-A/500.B Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce REG103FA-A/500.B
Description  DMOS 500mA Low-Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

REG103FA-A/500.B Fiches technique(HTML) 4 Page - Texas Instruments

  REG103FA-A/500.B Datasheet HTML 1Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 2Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 3Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 4Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 5Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 6Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 7Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 8Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REG103
4
SBVS010D
TYPICAL CHARACTERISTICS
For all models, at TJ = +25°C and VENABLE = 2V, unless otherwise noted.
100
0
200
300
400
500
0.5
0
–0.5
–1.0
–1.5
I
OUT (mA)
OUTPUT VOLTAGE CHANGE vs I
OUT
(V
IN = VOUT + 1V, Output Voltage % Change
Referred to I
OUT = 10mA at +25°C)
= –55
°C
= +25
°C
= +125
°C
100
0
200
300
400
500
180
160
140
120
100
80
60
40
20
0
Output Current (mA)
DC DROPOUT VOLTAGE vs OUTPUT CURRENT
= –55
°C
= +25
°C
= +125
°C
–75
–25
–50
25
0
50
75
100
125
0.1
0.5
0
–0.5
–1
–1.5
Temperature (
°C)
OUTPUT VOLTAGE vs TEMPERATURE
(Output Voltage % Change Referred to
I
OUT = 10mA at +25°C)
= 10mA
= 100mA
= 500mA
–75
–25
–50
25
0
50
75
100
125
160
120
80
40
0
Temperature (
°C)
DC DROPOUT VOLTAGE vs TEMPERATURE
= 10mA
= 100mA
= 500mA
–75
–25
–50
25
0
50
75
100
125
0.5
0.4
0.3
0.2
0.1
0
Temperature (
°C)
LINE REGULATION vs TEMPERATURE
(V
IN = VOUT + 1V to VIN = 15V )
= 10mA
= 100mA
02
4
6
10
8
0.5
0
–0.5
–1.0
–1.5
Input Voltage Above V
OUT
OUTPUT VOLTAGE CHANGE vs V
IN
(Output Voltage % Change Referred
to V
IN = VOUT + 1V at IOUT = 10mA)
= 10mA
= 100mA
= 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com