Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REG103FA-A/500.B Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce REG103FA-A/500.B
Description  DMOS 500mA Low-Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

REG103FA-A/500.B Fiches technique(HTML) 13 Page - Texas Instruments

Back Button REG103FA-A/500.B Datasheet HTML 9Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 10Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 11Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 12Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 13Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 14Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 15Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 16Page - Texas Instruments REG103FA-A/500.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
REG103FA-2.5KTTT
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-2.5
REG103FA-2.5KTTT.A
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-2.5
REG103FA-2.5KTTT.B
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-2.5
REG103FA-2.5KTTTG3
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-2.5
REG103FA-3.3KTTT
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-3.3
REG103FA-3.3KTTT.A
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-3.3
REG103FA-3.3KTTT.B
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-3.3
REG103FA-5KTTT
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-5
REG103FA-5KTTT.B
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-5
REG103FA-5KTTTG3
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-5
REG103FA-A/500
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-A
REG103FA-A/500.A
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-A
REG103FA-A/500.B
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-A
REG103FA-AKTTT
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-A
REG103FA-AKTTT.A
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-A
REG103FA-AKTTT.B
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
103FA-A
REG103GA-2.5
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R103G25
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com