| Moteur de recherche de fiches techniques de composants électroniques |
|
ASE20X14X3NK Fiches technique(PDF) 7 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
ASE20X14X3NK Fiches technique(HTML) 7 Page - Pentair plc. All rights reserved. |
|
7 / 8 page ![]() Type 1 Boxes and enclosures Screw-cover Type 1 pull BoxeS and acceSSorieS Spec-00258 I EQUIPMENT PROTECTION SUBJECT TO CHANGE WITHOUT NOTICE conTracTor 7 Type 1 locKIng wIndow pull Box accessory Flush- or surface-mount accessory fits Screw Cover, Type 1, boxes to prevent public access to lighting switches and controls. Includes a removable aluminum dead-front mounting surface for component cutouts and four torx-head screws for securing to enclosure. BulletIn: A90p1 Standard Product Catalog Number AxB in./mm Dead Front Panel Size D x E in./mm Mounting Holes G x H in./mm Window Size M x N in./mm Fits Pull Boxes with A x B dimensions of in./mm ALDF88W 9.00 x 9.00 229 x 293 6.00 x 6.14 152 x 99 4.31 x 7.44 109 x 189 6.25 x 3.88 164 x 156 8X8 203 x 203 ALDF1212W 13.00 x 13.00 330 x 330 10.00 x 10.14 254 x 200 8.31 x 11.44 211 x 291 10.25 x 7.88 265 x 258 12X12 305 x 305 A x B = Frame Size |