| Moteur de recherche de fiches techniques de composants électroniques |
|
ASE20X14X3NK Fiches technique(PDF) 4 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
ASE20X14X3NK Fiches technique(HTML) 4 Page - Pentair plc. All rights reserved. |
|
4 / 8 page ![]() Type 1 Boxes and enclosures Screw-cover Type 1 pull BoxeS and acceSSorieS Spec-00258 I PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com EQUIPMENT PROTECTION conTracTor 4 Catalog Number AxBxC in. AxBxC mm Style Number of Cover Screws ASE24X18X8NK 24.00 x 18.00 x 8.00 610 x 457 x 203 Painted 4 ASG24X18X8NK 24.00 x 18.00 x 8.00 610 x 457 x 203 Galvanized 4 ASE24X20X8NK 24.00 x 20.00 x 8.00 610 x 508 x 203 Painted 4 ASG24X20X8NK 24.00 x 20.00 x 8.00 610 x 508 x 203 Galvanized 4 ASE24X24X8NK 24.00 x 24.00 x 8.00 610 x 610 x 203 Painted 4 ASG24X24X8NK 24.00 x 24.00 x 8.00 610 x 610 x 203 Galvanized 4 ASE30X24X8NK 30.00 x 24.00 x 8.00 762 x 610 x 203 Painted 6 ASG30X24X8NK 30.00 x 24.00 x 8.00 762 x 610 x 203 Galvanized 6 ASE30X30X8NK 30.00 x 30.00 x 8.00 762 x 762 x 203 Painted 8 ASG30X30X8NK 30.00 x 30.00 x 8.00 762 x 762 x 203 Galvanized 8 ASE36X24X8NK 36.00 x 24.00 x 8.00 914 x 610 x 203 Painted 6 ASG36X24X8NK 36.00 x 24.00 x 8.00 914 x 610 x 203 Galvanized 6 ASE36X36X8NK 36.00 x 36.00 x 8.00 914 x 914 x 203 Painted 8 ASG36X36X8NK 36.00 x 36.00 x 8.00 914 x 914 x 203 Galvanized 8 ASE12X12X10NK 12.00 x 12.00 x 10.00 305 x 305 x 254 Painted 4 ASG12X12X10NK 12.00 x 12.00 x 10.00 305 x 305 x 254 Galvanized 4 ASE18X12X10NK 18.00 x 12.00 x 10.00 457 x 305 x 254 Painted 4 ASE18X18X10NK 18.00 x 18.00 x 10.00 457 x 457 x 254 Painted 4 ASG18X18X10NK 18.00 x 18.00 x 10.00 457 x 457 x 254 Galvanized 4 ASE24X12X10NK 24.00 x 12.00 x 10.00 610 x 305 x 254 Painted 4 ASE24X18X10NK 24.00 x 18.00 x 10.00 610 x 457 x 254 Painted 4 ASE24X24X10NK 24.00 x 24.00 x 10.00 610 x 610 x 254 Painted 4 ASG24X24X10NK 24.00 x 24.00 x 10.00 610 x 610 x 254 Galvanized 4 ASE30X24X10NK 30.00 x 24.00 x 10.00 762 x 610 x 254 Painted 6 ASE30X30X10NK 30.00 x 30.00 x 10.00 762 x 762 x 254 Painted 8 ASG30X30X10NK 30.00 x 30.00 x 10.00 762 x 762 x 254 Galvanized 8 ASE36X24X10NK 36.00 x 24.00 x 10.00 914 x 610 x 254 Painted 6 ASG36X24X10NK 36.00 x 24.00 x 10.00 914 x 610 x 254 Galvanized 6 ASE36X36X10NK 36.00 x 36.00 x 10.00 914 x 914 x 254 Painted 8 ASG36X36X10NK 36.00 x 36.00 x 10.00 914 x 914 x 254 Galvanized 8 ASE12X12X12NK 12.00 x 12.00 x 12.00 305 x 305 x 305 Painted 4 ASG12X12X12NK 12.00 x 12.00 x 12.00 305 x 305 x 305 Galvanized 4 ASE24X12X12NK 24.00 x 12.00 x 12.00 610 x 305 x 305 Painted 4 ASG24X12X12NK 24.00 x 12.00 x 12.00 610 x 305 x 305 Galvanized 4 ASE18X18X12NK 18.00 x 18.00 x 12.00 457 x 457 x 305 Painted 4 ASG18X18X12NK 18.00 x 18.00 x 12.00 457 x 457 x 305 Galvanized 4 ASE24X18X12NK 24.00 x 18.00 x 12.00 610 x 457 x 305 Painted 4 ASE24X24X12NK 24.00 x 24.00 x 12.00 610 x 610 x 305 Painted 4 ASG24X24X12NK 24.00 x 24.00 x 12.00 610 x 610 x 305 Galvanized 4 ASE30X24X12NK 30.00 x 24.00 x 12.00 762 x 610 x 305 Painted 6 ASE30X30X12NK 30.00 x 30.00 x 12.00 762 x 762 x 305 Painted 8 ASG30X30X12NK 30.00 x 30.00 x 12.00 762 x 762 x 305 Galvanized 8 ASE36X24X12NK 36.00 x 24.00 x 12.00 914 x 610 x 305 Painted 6 ASG36X24X12NK 36.00 x 24.00 x 12.00 914 x 610 x 305 Galvanized 6 ASE36X36X12NK 36.00 x 36.00 x 12.00 914 x 914 x 305 Painted 8 ASG36X36X12NK 36.00 x 36.00 x 12.00 914 x 914 x 305 Galvanized 8 ASE48X48X12NK 48.00 x 48.00 x 12.00 1219 x 1219 x 305 Painted 12 ASG48X48X12NK 48.00 x 48.00 x 12.00 1219 x 1219 x 305 Galvanized 12 ASE30X30X16NK 30.00 x 30.00 x 16.00 762 x 762 x 406 Painted 8 ASE36X36X16NK 36.00 x 36.00 x 16.00 914 x 914 x 406 Painted 8 ASG36X36X16NK 36.00 x 36.00 x 16.00 914 x 914 x 406 Galvanized 8 ASE48X48X16NK 48.00 x 48.00 x 16.00 1219 x 1219 x 406 Painted 12 ASG48X48X16NK 48.00 x 48.00 x 16.00 1219 x 1219 x 406 Galvanized 12 |