| Moteur de recherche de fiches techniques de composants électroniques |
|
PYF14ESSB Fiches technique(PDF) 23 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PYF14ESSB Fiches technique(HTML) 23 Page - Omron Electronics LLC |
|
23 / 31 page ![]() 23 Products Related to Common Sockets and DIN Tracks P2CF (Unit: mm) Dimensions Terminal Arrangement/ Internal Connections Mounting Hole Dimensions 4 70 max. Two, 4.5 dia. holes 8-M3.5×7.5 7.8 20.3 max. 4.5 3 50 max. 35.4 P2CF-08 6 5 4 3 7 8 1 2 (Top View) 40±0.2 Two M4 or 4.5-dia. holes Note: Track mounting is also possible. Refer to page 27. 12 7 8 43 65 P2CF-08-E 10A250VAC RESISTIVE 4 70 max. Two, 4.5 dia. holes 8-M3.5×7.5 7.8 21.5 max. 20.3 19 4.5 35.4 1.3 3 5 50 max. 40±0.2 P2CF-08-E 4 70 max. 50 max. Two, 4.5 dia. holes 11-M3.5×7.5 7.8 31.2 max. 4.5 3 35.4 P2CF-11 8 7 6 5 10 11 1 2 4 3 9 (Top View) 40±0.2 Two M4 or 4.5-dia. holes Note: Track mounting is also possible. Refer to page 27. 10 11 12 7 8 65 3 4 9 P2CF-11-E 10A250VAC RESISTIVE 4 70 max. 50 max. 40±0.2 Two, 4.5 dia. holes 11-M3.5×7.5 7.8 31.2 max. 30 4.5 35.4 1.2 3 5 P2CF-11-E |