| Moteur de recherche de fiches techniques de composants électroniques |
|
PYF14ESSB Fiches technique(PDF) 9 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PYF14ESSB Fiches technique(HTML) 9 Page - Omron Electronics LLC |
|
9 / 31 page ![]() 9 Products Related to Common Sockets and DIN Tracks Dimensions P2RF (Unit: mm) Dimensions Terminal Arrangement/ Internal Connections Mounting Hole Dimensions --- 19.5 max. 19.5 30 max. 35.5 4 dia. 2 54 max. 4 71.5 max. 5-M3.5×8 7±0.2 P2RF-05 (One Pole) 3 2 5 1 4 (Top View) 9.5 4 30±0.05 4.2-dia. hole M3 (M3 x 16) or 3.2-dia. hole Note: Track mounting is also possible. Refer to page 27. (Top View) *When mounted on H3RN-1 @. 61 max. 16 4 85.5 max. 5-M3.5×7 3.5-dia. hole 7±0.2 11.5 48 max. 59 max. (80.9 max.)* 39.5 35.5 2 P2RF-05-E (One Pole) (Finger Protection Structure) (11) (14) (A1) (12) (A2) 4 2 3 5 1 Note: Figures in parentheses indicate DIN standard numbers. (Top View) 7 4 39.5±0.1 3.2-dia. hole M3 or 3.5-dia. hole Note: Track mounting is also possible. Refer to page 27. (Top View) 91.8 max. 32.6 28.5 22.6 27.6 32.6 35.3 24.5 18.0 max. (2.4) (5.3) P2RF-05-S (One Pole) (Screwless Model) 4 3 2 1 5 (11) (14) (12) (A1) (A2) Note: Figures in parentheses indicate DIN standard numbers. (Top View) 7±0.2 19.5 max. 19.5 30 max. 35.5 4 dia. 2 54 max. 4 71.5 max. 8-M3.5×8 P2RF-08 (Two Poles) 5 4 7 2 8 1 6 3 (Top View) 9.5 4 30±0.05 4.2-dia. hole M3 (M3 x 16) or 3.2-dia. hole Note: Track mounting is also possible. Refer to page 27. (Top View) |