Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P50 Fiches technique(PDF) 3 Page - 3M Electronics

No de pièce P50
Description  3M™ Pak 50 Socket .050" Straight and Right Angle Socket, with Ret. Clips, Fing. Option
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

P50 Fiches technique(HTML) 3 Page - 3M Electronics

  P50 Datasheet HTML 1Page - 3M Electronics P50 Datasheet HTML 2Page - 3M Electronics P50 Datasheet HTML 3Page - 3M Electronics P50 Datasheet HTML 4Page - 3M Electronics P50 Datasheet HTML 5Page - 3M Electronics P50 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Pak 50 Socket
.050" Straight and Right Angle Socket, with Ret. Clips, Fing. Option
P50 Series
Without Flanges
Product Table / Dimensions for Straight Plug without Flanges
Contact
Quantity
A
B
C
20
17.83
15.43
11.43
[0.702]
[0.608]
[0.450]
26
21.64
19.24
15.24
[0.852]
[0.758]
[0.600]
30
24.18
21.78
17.78
[0.952]
[0.858]
[0.700]
32
25.45
23.05
19.05
[1.002]
[0.908]
[0.750]
34
26.72
24.32
20.32
[1.052]
[0.958]
[0.800]
40
30.53
28.13
24.13
[1.202]
[1.108]
[0.950]
Contact
Quantity
A
B
C
50
36.88
34.48
30.48
[1.452]
[1.358]
[1.200]
52
38.15
35.75
31.75
[1.502]
[1.408]
[1.250]
60
43.23
40.83
36.83
[1.702]
[1.608]
[1.450]
68
48.31
45.91
41.91
[1.902]
[1.808]
[1.650]
80
55.93
53.53
49.53
[2.202]
[2.108]
[1.950]
100
68.63
66.23
62.23
[2.702]
[2.608]
[2.450]
Printed Circuit Board Layout
(Component Side View)
For 20,32.40,52,60,68,80,100 contacts
Connector Outline
For 26,30.34.50 contacts
Connector Outline
n- <Z>08 min.(<A0.032 min.)
▼ = Polarity identification
Recommended
PCB
Thickness
t=1.6±0.19(0.063±0.007)
*n' is number of contacts.
Polarity
Ordering Information
P5X - XXXS - XXX - EA
Solder Tail and Clip Options:
S1 = Straight without retention clips
SR1 = Right Angle without retention clips
*R1 = Straight with retention clips
*RR1 = Right Angle with retention clips\
*Note: R1 and RR1 do not appl9 Tw[(td(P518.6’^-fif«J7.-®S93p
Sheet 3 of 5
1.2TJ*0.007 Tc
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373



Html Pages

1 2 3 4 5 6