| Moteur de recherche de fiches techniques de composants électroniques |
|
P50 Fiches technique(PDF) 2 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
P50 Fiches technique(HTML) 2 Page - 3M Electronics |
|
2 / 6 page ![]() 3M™ Pak 50 Socket .050" Straight and Right Angle Socket, with Ret. Clips, Fing. Option P50 Series Straight with Flanges, with and without Retention Clips Product Table / Dimensions for Straight Plug with and without Retention Clips Contact Quantity A B C D 20 25.43 20.32 15.43 11.43 [1.001] [0.800] [0.608] [0.450] 26 29.24 24.13 19.24 15.24 [1.151] [0.950] [0.758] [0.600] 30 31.78 26.67 21.78 17.78 [1.251] [1.050] [0.858] [0.700] 32 33.05 27.94 23.05 19.05 [1.301] [1.100] [0.908] [0.750] 34 34.32 29.21 24.32 20.32 [1.351] [1.150] [0.958] [0.800] 40 38.13 33.02 28.13 24.13 [1.501] [1.300] [1.108] [0.950] Contact Quantity A B C D 50 44.48 39.37 34.48 30.48 [1.751] [1.550] [1.358] [1.200] 52 45.75 40.64 35.75 31.75 [1.801] [1.600] [1.408] [1.250] 60 50.83 45.72 40.83 36.83 [2.001] [1.800] [1.608] [1.450] 68 55.91 50.80 45.91 41.91 [2.201] [2.000] [1.808] [1.650] 80 63.53 58.42 53.53 49.53 [2.501] [2.300] [2.108] [1.950] 100 76.23 71.12 66.23 62.23 [3.001] [2.800] [2.608] [2.450] With Retention Clips ft Qo0o0o0o0oBoU0oBoOo0o0o0 D ogogogogogog ogogogogogog ft // § Polarity d identification <£> cxi AiAnonDnDnDnono1 nonnnononDno jdJ Without Retention Clips | X-X Cross SectionH Printed Circuit Board Layout (Component Side View) For 26,30,34,50 contacts 2-<£2.3±0.1 Connector Outline TS-2047-03 Sheet 2 of 5 3M Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 |