| Moteur de recherche de fiches techniques de composants électroniques |
|
511158 Fiches technique(PDF) 2 Page - Hutchinson Paulstra |
|
|
|||||||||||||||||||||||||||||
511158 Fiches technique(HTML) 2 Page - Hutchinson Paulstra |
|
2 / 5 page ![]() 80 25 30 40 70 80 M14 1100 950 600 500 450 6 8 10 17 19 33.00 38.00 30.00 42.50 43.00 513801 511830 511840 511870 511880 45 35 35 35 35 1- 60 25 36 45 M10 400 300 250 6 9 11 12.00 13.50 13.70 511625 511635 511645 25 1 - 70 35 50 70 M10 450 350 300 9 12 14 20.00 21.00 21.00 511735 511750 511770 25 1 - 50 25 35 45 M10 300 250 190 6 9 11 9.00 11.20 10.00 511525 511535 511545 25 1 - 30 40 20 25 35 40 45 M10 160 150 120 120 120 5 6 8 10 11 4.00 4.50 4.80 6.00 6.60 511450 511401 511452 511454 511456 25 1 - 15 22 30 40 M8 90 80 70 60 3.5 6 8 9 1.50 2.40 2.80 2.70 511308 511310 511312 511314 25 1 - 10 15 19 22 25 30 40 M8 20 80 60 55 50 50 50 50 2 3.5 4.5 5.5 6 8 10 0.80 1.00 1.20 1.30 1.50 2.00 2.50 511265 511270 511251 511275 511280 511285 511290 1 - 22 M8 80 6 2.40 511156 - 2 6 25.5 Reference G mm Ø A mm B mm Ø C Charge maxi daN Deflect. mm Energy Joules Fig. H mm 4.60 6.00 511157 511161 120 120 7 10 30 40 M8 20 1 - 35 4 18 18 18 18 - - - 10 15 20 30 15 20 30 M6 Repetitive shocks Deflect. mm 1 2 Wght g Deflect. mm Reference Exceptional shock Energy joules Max. static load daN Reaction daN 8.5 15 20 25 30 M6 16.5 40 35 30 30 25 0.30 0.70 0.70 0.80 0.80 1.5 4 5 5.5 7 511200 511215 511220 511225 511230 - 1 1 1 1 2 2 2 80 60 50 50 60 55 50 0.80 1.00 1.20 2.00 1.00 1.20 2.00 2 3.5 5 8 3.5 5.5 8 - - - - 4 4 4 15 M6 - 0.70 4 511154 Fig. 10 15 10 15 M4 - 1 1 2 2 20 2 3 2 3 0.20 0.30 0.20 0.30 511150 511151 511152 511153 - - 2.5 2.5 H mm DIMENSIONS AND OPERATING CHARACTERISTICS 61 CYLINDRICAL STOPS CONICAL PROGRESSIVE STOPS See current price list for availability of items. See current price list for availability of items. See current price list for availability of items. DIABOLO STOPS ∅ A mm B mm Ø C Max. load daN Deflect mm Energy Joules Reference 12.5 16 20 25.5 10 13.5 15 20 10 15 20 25 M5 M5 G mm 10 12 1 1 12 11 10 8 20 20 15 15 2 2.5 3 3.5 0.12 0.13 0.16 0.14 0.20 0.30 0.30 0.30 2 3 4 5 511110 511128 511115 511125 511292 511294 511296 511298 511158 511155 511159 511160 511164 511162 511163 Ø A mm B mm Ø C G mm Energy Joules Reference 25.5 30 30 50 50 50 50 50 50 60 60 72 72 95 20 25 13.5 25 20 25 35 25 15 25 62 25 30 45 19 30 30 50 50 64 64 58 58 40 40 58 58 80 M8 M8 M6 M10 M8 M10 M8 M10 M8 M10 M14 M10 M12 M16 3 6 6 30 30 40 40 37 37 27 27 50 50 120 8 15 15 25 25 32 32 28 28 18 18 26 26 37 100 140 140 340 340 370 370 400 400 550 550 550 550 1100 9 18 18 90 90 120 120 110 110 70 70 150 150 350 Wght g 20 37 30 85 75 150 150 130 120 140 200 290 300 750 512251 512307 512301 512515 512501 512516 512502 512517 512503 512608 512601 512700 512721 512951 Ø A mm B mm Ø C G mm Max. instant. load daN Deflect. mm 20 20 25 30 35 57 57 60 80 95 42 42 57 65 70 M8 M8 M10 M14 M16 100 200 350 800 1000 10 12 15 16 18 40 75 150 300 400 4 5.5 8 9.5 9.5 Energy Joules 1 2 6 15 20 60 80 190 500 790 511571 511572 511601 511801 511951 S cm² 5 9.5 19.5 38.5 50 Ø C Ø A C A Ø C Ø A S (cm²) - - Ø C Ø A Fig. 1 Fig. 2 New range RADIAFLEX |