| Moteur de recherche de fiches techniques de composants électroniques |
|
511158 Fiches technique(PDF) 1 Page - Hutchinson Paulstra |
|
|
|||||||||||||||||||||||||||||
511158 Fiches technique(HTML) 1 Page - Hutchinson Paulstra |
|
1 / 5 page ![]() STOPS There are several types of stops : • Cylindrical or DIABOLO stops. • Conical progressive stops. • LEVAFLEX progressive stops with central cavity. • EVIDGOM stops. The design of the PAULSTRA elastic stops gives the following basic characteristics : • Highly deformable allowing high energies to be absorbed. • Progressive absorption of energy due to the carefully designed shape. Advantages : • By comparison with rigid stops, PAULSTRA elastic stops are quiet and avoid hammering and deterioration of equipment. Recommendations : • The stops must be fitted so that, on impact, the axis of the stop is perpendicular to the contact surface. • On impact, the external diameter of the stop increases : this must be allowed for when fixing. DESCRIPTION OPERATION 60 See : Supports and Bump stops Cylindrical stop Conical progressive LEVAFLEX progressive EVIDGOM stop stop stop |
Numéro de pièce similaire - 511158 |
|
Description similaire - 511158 |