Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPFIT04SS Fiches technique(PDF) 12 Page - Positronic.

No de pièce SPFIT04SS
Description  SCORPION MODULAR POWER, SIGNAL CONNECTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POSITRONIC [Positronic.]
Site Internet  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

SPFIT04SS Fiches technique(HTML) 12 Page - Positronic.

Back Button SPFIT04SS Datasheet HTML 8Page - Positronic. SPFIT04SS Datasheet HTML 9Page - Positronic. SPFIT04SS Datasheet HTML 10Page - Positronic. SPFIT04SS Datasheet HTML 11Page - Positronic. SPFIT04SS Datasheet HTML 12Page - Positronic. SPFIT04SS Datasheet HTML 13Page - Positronic. SPFIT04SS Datasheet HTML 14Page - Positronic. SPFIT04SS Datasheet HTML 15Page - Positronic. SPFIT04SS Datasheet HTML 16Page - Positronic.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Positronic
Scorpion General Information
connectpositronic.com
THE SCIENCE OF CERTAINTY
12
SC
Standard conductivity contacts
HC
High conductivity contacts
*1 Contact Technical Sales for more details on additional contact sizes, material, finishes, and termination styles.
REMOVABLE CRIMP CONTACTS
PART NUMBER
Size
Gender
Female
Contact Style
Stranded
AWG [mm2]
Sequential Mate
FC112P2-PA907
SC
#16
Female
Closed entry
#12 [4.0]
FC112P2S-PA907
HC
#16
Female
Closed entry
#12 [4.0]
FC114P2-PA907
SC
#16
Female
Closed entry
#14-16 [2.5-1.5]
FC116P2-PA907
SC
#16
Female
Closed entry
#16-18-20 [1.5-1.0-0.5]
FC120P2-PA907
SC
#16
Female
Closed entry
#20-22-24 [0.5-0.3-0.25]
MC112N-133.5
SC
#16
Male
n/a
#12 [4.0]
First
MC112NS-133.5
HC
#16
Male
n/a
#12 [4.0]
First
MC112N
SC
#16
Male
n/a
#12 [4.0]
MC112NS
HC
#16
Male
n/a
#12 [4.0]
MC114N-133.5
SC
#16
Male
n/a
#14-16 [2.5-1.5]
First
MC114N
SC
#16
Male
n/a
#14-16 [2.5-1.5]
MC116N-133.5
SC
#16
Male
n/a
#16-18-20 [1.5-1.0-0.5]
First
MC116N
SC
#16
Male
n/a
#16-18-20 [1.5-1.0-0.5]
MC120N-133.5
SC
#16
Male
n/a
#20-22-24 [0.5-0.3-0.25]
First
MC120N
SC
#16
Male
n/a
#20-22-24 [0.5-0.3-0.25]
FC1816P2
SC
#18
Female
Closed entry
#16-18 [1.5-1.0]
FC1816P2S
HC
#18
Female
Closed entry
#16-18 [1.5-1.0]
FC1820P2
SC
#18
Female
Closed entry
#20 [0.5]
FC1820P2S
HC
#18
Female
Closed entry
#20 [0.5]
MC1816N-PA561
SC
#18
Male
n/a
#16-18 [1.5-1.0]
First
MC1816NS-PA561
HC
#18
Male
n/a
#16-18 [1.5-1.0]
First
MC1816N
SC
#18
Male
n/a
#16-18 [1.5-1.0]
MC1816NS
HC
#18
Male
n/a
#16-18 [1.5-1.0]
MC1820N-PA561
SC
#18
Male
n/a
#20 [0.5]
First
MC1820NS-PA561
HC
#18
Male
n/a
#20 [0.5]
First
MC1820N
SC
#18
Male
n/a
#20 [0.5]
MC1820NS
HC
#18
Male
n/a
#20 [0.5]
FC422P9
SC
#22
Female
Closed entry
#22-26 [0.3-0.12]
MC422N9
SC
#22
Male
n/a
#22-26 [0.3-0.12]
MC422N9-PA1116*1
SC
#22
Male
n/a
#22-26 [0.3-0.12]
*1 For use with alignment insert.
NON-REMOVABLE CRIMP CONTACTS
PART NUMBER
Size
Gender
Female
Contact Style
Stranded
AWG [mm2]
FC422T-PA908
SC
#22
Female
Closed entry
#22-26 [0.3-0.12]
MC422T-PA908
SC
#22
Male
n/a
#22-26 [0.3-0.12]
NON-REMOVABLE HYPERBOLOID CRIMP CONTACTS
PART NUMBER
Size
Gender
Female
Contact Style
Stranded
AWG [mm2]
FC3124T
SC
0.60 [0.0236]
Female
Closed entry
#24-28 [0.25-0.08]
MC3124T
SC
0.60 [0.0236]
Male
n/a
#24-28 [0.25-0.08]
CONTACTS*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16