| Moteur de recherche de fiches techniques de composants électroniques |
|
SPFIT04SS Fiches technique(PDF) 6 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
SPFIT04SS Fiches technique(HTML) 6 Page - Positronic. |
|
6 / 16 page ![]() Positronic Scorpion General Information connectpositronic.com THE SCIENCE OF CERTAINTY 6 MALE FEMALE CODE GENDER A B FEATURE 1 Male 14.60 [0.575] 8.26 [0.325]*1 Blind mating Female 14.60 [0.575] 8.26 [0.325]*1 Blind mating 2 Male 14.60 [0.575] 5.00 [0.197]*1 Blind mating Female 14.60 [0.575] 5.00 [0.197]*1 Blind mating 7 Male 14.60 [0.575] 4.50 [0.177]*1 Blind mating Female 14.60 [0.575] 4.50 [0.177]*1 Blind mating 8 Male 14.60 [0.575] 9.50 [0.374]*1 Blind mating Female 14.60 [0.575] 9.50 [0.374]*1 Blind mating 3 Male 14.60 [0.575] 4.00 [0.157]*1 Latching system Female 14.60 [0.575] 2.80 [0.110]*1 Latching system 4 Male 14.60 [0.575] 4.76 [0.157] Latching system Female 14.60 [0.575] 5.00 [0.197]*1 Latching system 5 Male 14.60 [0.575] 5.00 [0.197]*1 Latching system Female 14.60 [0.575] 2.80 [0.110]*1 Latching system 6 Male 14.60 [0.575] 9.20 [0.362]*1 Jackscrew Female 14.60 [0.575] 9.20 [0.362]*1 Jackscrew For the sake of brevity, only the left side of the end module face view is shown. *1 Double dimension for OAL. Dimension shown is only for one module, but connector will be provided with two modules, one left and one right. Scale 1:1 BODY STYLE B B B B B B B B B B B B B B B B A A A A A A A A A A A A A A A A Images below are shown for reference only, not shown at 1:1 scale. |