| Moteur de recherche de fiches techniques de composants électroniques |
|
LP5523 Fiches technique(PDF) 47 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5523 Fiches technique(HTML) 47 Page - Texas Instruments |
|
47 / 61 page ![]() 47 LP5523 www.ti.com SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017 Product Folder Links: LP5523 Submit Documentation Feedback Copyright © 2009–2017, Texas Instruments Incorporated NAME VALUE (d) DESCRIPTION variable 2 0 - 3 Defines the variable to be used in the test: 0 = local variable A 1 = local variable B 2 = global variable C 3 = register address 3CH variable, or register address 42H value. 7.6.7 Arithmetic Instructions LD This instruction is used to assign a value into a variable; the previous value in that variable is overwritten. Each of the engines have two local variables, called A and B. The variable C is a global variable. NAME VALUE (d) DESCRIPTION target variable 0 - 2 0 = variable A 1 = variable B 2 = variable C 8-bit value 0 - 255 Variable value (1) Valid for numerical operands. (2) Valid for variables. ADD Operator either adds 8-bit value to the current value of the target variable, or adds the value of the variable 1 (A, B, C or D) to the value of the variable 2 (A, B, C or D) and stores the result in the register of variable A, B or C. Variables overflow from 255 to 0. NAME VALUE (d) DESCRIPTION 8-bit value(1) 0 - 255 The value to be added. target variable 0 - 2 0 = variable A 1 = variable B 2 = variable C variable 1(2) 0 - 3 0 = local variable A 1 = local variable B 2 = global variable C 3 = register address 3CH variable, or register address 42H value. variable 2(2) 0 - 3 0 = local variable A 1 = local variable B 2 = global variable C 3 = register address 3CH variable, or register address 42H value. |