| Moteur de recherche de fiches techniques de composants électroniques |
|
LP5523 Fiches technique(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5523 Fiches technique(HTML) 28 Page - Texas Instruments |
|
28 / 61 page ![]() 28 LP5523 SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017 www.ti.com Product Folder Links: LP5523 Submit Documentation Feedback Copyright © 2009–2017, Texas Instruments Incorporated Register Maps (continued) Table 3. Control Register Map (continued) HEX ADDRESS REGISTER NAME BIT(s) READ/ WRITE DEFAULT VALUE AFTER RESET BIT MNEMONIC AND DESCRIPTION 71 ENG1 MAPPING LSB [7] R 0xxxxxxx D8 Engine 1 mapping information, D8 output [6] R x0xxxxxx D7 Engine 1 mapping information, D7 output [5] R xx0xxxxx D6 Engine 1 mapping information, D6 output [4] R xxx0xxxx D5 Engine 1 mapping information, D5 output [3] R xxxx0xxx D4 Engine 1 mapping information, D4 output [2] R xxxxx0xx D3 Engine 1 mapping information, D3 output [1] R xxxxxx0x D2 Engine 1 mapping information, D2 output [0] R xxxxxxx0 D1 Engine 1 mapping information, D1 output 72 ENG2 MAPPING MSB [0] R xxxxxxx0 D9 Engine 2 mapping information, D9 output 73 ENG2 MAPPING LSB [7] R 0xxxxxxx D8 Engine 2 mapping information, D8 output [6] R x0xxxxxx D7 Engine 2 mapping information, D7 output [5] R xx0xxxxx D6 Engine 2 mapping information, D6 output [4] R xxx0xxxx D5 Engine 2 mapping information, D5 output [3] R xxxx0xxx D4 Engine 2 mapping information, D4 output [2] R xxxxx0xx D3 Engine 2 mapping information, D3 output [1] R xxxxxx0x D2 Engine 2 mapping information, D2 output [0] R xxxxxxx0 D1 Engine 2 mapping information, D1 output 74 ENG3 MAPPING MSB [0] R xxxxxxx0 D9 Engine 3 mapping information, D9 output 75 ENG3 MAPPING LSB [7] R 0xxxxxxx D8 Engine 3 mapping information, D8 output [6] R x0xxxxxx D7 Engine 3 mapping information, D7 output [5] R xx0xxxxx D6 Engine 3 mapping information, D6 output [4] R xxx0xxxx D5 Engine 3 mapping information, D5 output [3] R xxxx0xxx D4 Engine 3 mapping information, D4 output [2] R xxxxx0xx D3 Engine 3 mapping information, D3 output [1] R xxxxxx0x D2 Engine 3 mapping information, D2 output [0] R xxxxxxx0 D1 Engine 3 mapping information, D1 output |