Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ14203HTZX/NOPB Fiches technique(PDF) 16 Page - Texas Instruments

No de pièce LMZ14203HTZX/NOPB
Description  LMZ14203H SIMPLE SWITCHER® 6V to 42V, 3A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14203HTZX/NOPB Fiches technique(HTML) 16 Page - Texas Instruments

Back Button LMZ14203HTZX/NOPB Datasheet HTML 12Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 13Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
VIN
CIN
VIN
RON
RFBT
CFF
CSS
RFBB
COUT
LMZ14203H
VOUT
10PF
4700 pF
0.022 PF
* RENT
* RENB
* See equation 1
to calculate values
VOUT
RFBT
RFBB
RON
COUT
COUT-ESR
VIN
12V
34 k:
2.43 k:
249 k:
47 PF
1-45 m:
15 - 42V
15V
34 k:
1.91 k:
287 k:
47 PF
1-42 m:
18 - 42V
18V
34 k:
1.58 k:
374 k:
33 PF
1-40 m:
22 - 42V
24V
34 k:
1.18 k:
499 k:
33 PF
1-40 m:
28 - 42V
30V
34 k:
931:
619 k:
33 PF
1-45 m:
34 - 42V
5V
34 k:
6.49 k:
100 k:
100 PF
1-95 m:
8 - 42V
LMZ14203H
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMZ14203H is a step down DC-to-DC power module. It is typically used to convert a higher DC voltage to a
lower DC voltage with a maximum output current of 3 A. The following design procedure can be used to select
components for the LMZ14203H. Alternately, the WEBENCH software may be used to generate complete
designs.
When generating a design, the WEBENCH software uses iterative design procedure and accesses
comprehensive databases of components. For more details, go to www.ti.com.
8.2 Typical Application
Figure 46. Simplified Application Schematic
8.2.1 Design Requirements
For this example the following application parameters exist.
•
VIN Range = Up to 42 V
•
VOUT = 5 V to 30 V
•
IOUT = 3 A
Refer to the table in Figure 46 for more information.
8.2.2 Detailed Design Procedure
8.2.2.1 Design Steps for the LMZ14203H Application
The LMZ14203H is fully supported by WEBENCH which offers the following: component selection, electrical
simulation, thermal simulation, as well as a build-it prototype board for a reduction in design time. The following
list of steps can be used to manually design the LMZ14203H application.
1. Select minimum operating VIN with enable divider resistors.
2. Program VO with divider resistor selection.
3. Program turnon time with soft-start capacitor selection.
4. Select CO.
16
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com