Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ14203HTZX/NOPB Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce LMZ14203HTZX/NOPB
Description  LMZ14203H SIMPLE SWITCHER® 6V to 42V, 3A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14203HTZX/NOPB Fiches technique(HTML) 13 Page - Texas Instruments

Back Button LMZ14203HTZX/NOPB Datasheet HTML 9Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 10Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 11Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 12Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 13Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
0.1
1
10
100
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
Emissions
CISPR 22 Quasi Peak
CISPR 22 Average
0
200
400
600
800
1,000
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
Emissions (Evaluation Board)
EN 55022 Limit (Class B)
5V/Div
1 ms/Div
VOUT
ENABLE
LMZ14203H
www.ti.com
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24 V; Cin = 10-uF X7R Ceramic; CO = 47 uF; TA = 25°C.
Figure 43. Startup
Figure 44. Radiated EMI of Evaluation Board, VOUT = 12 V
VIN = 24 V, IOUT = 3 A
Figure 45. Conducted EMI, VOUT = 12 V
Evaluation Board BOM and 3.3 µH 2x10 µF LC Line Filter
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com