| Moteur de recherche de fiches techniques de composants électroniques |
|
ADC08D500 Fiches technique(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC08D500 Fiches technique(HTML) 31 Page - Texas Instruments |
|
31 / 33 page ![]() www.ti.com EXAMPLE BOARD LAYOUT (3.51) 0.07 MIN ALL AROUND 0.07 MAX ALL AROUND 54X (0.6) 54X (0.25) (9.8) (5.3) ( ) TYP VIA 0.2 50X (0.5) 2X (1.16) (1) TYP (7.5) (1.17) TYP 4214993/A 07/2013 WQFN NJY0054A WQFN SYMM SEE DETAILS 1 18 19 27 28 45 46 54 SYMM LAND PATTERN EXAMPLE SCALE:8X NOTES: (continued) 4. This package is designed to be soldered to a thermal pad on the board. For more information, refer to QFN/SON PCB application note in literature No. SLUA271 (www.ti.com/lit/slua271). SOLDER MASK OPENING METAL SOLDER MASK DEFINED METAL SOLDER MASK OPENING SOLDER MASK DETAILS NON SOLDER MASK DEFINED (PREFERRED) |