| Moteur de recherche de fiches techniques de composants électroniques |
|
ADC08D500 Fiches technique(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC08D500 Fiches technique(HTML) 30 Page - Texas Instruments |
|
30 / 33 page ![]() www.ti.com PACKAGE OUTLINE C 54X 0.3 0.2 3.51±0.1 50X 0.5 54X 0.5 0.3 0.8 MAX 2X 8.5 7.5±0.1 2X 4 A 10.1 9.9 B 5.6 5.4 0.3 0.2 0.5 0.3 (0.1) 4214993/A 07/2013 WQFN NJY0054A WQFN PIN 1 INDEX AREA SEATING PLANE 1 18 28 45 19 27 54 46 0.1 C A B 0.05 C (OPTIONAL) PIN 1 ID DETAIL SEE TERMINAL NOTES: 1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance. SCALE 2.000 DETAIL OPTIONAL TERMINAL TYPICAL |