| Moteur de recherche de fiches techniques de composants électroniques |
|
810 Fiches technique(PDF) 7 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
810 Fiches technique(HTML) 7 Page - 3M Electronics |
|
7 / 8 page ![]() 3 Electronic Solutions Division Interconnect Solutions http://www.3Mconnectors.com 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle 810 Series TS-0253-K Sheet 7 of 7 .065 ± .002 Typ [1.65] Typ, Full R Detail A Optional plated thru hole for metal clip retention .042 ± .003 Typ (Plated thru hole) [1.07] Recommended Mounting Hole Pattern, SMT Straight Header (Shown for mounting side of PC Board) .050 ± .002 Typ [1.27] Tolerance Noncumulative 2X .075 ± .002 [1.905] .205 ± .003 [5.21] .376 [9.55] .280 [7.11] H Optional Drilled Hole for Plastic Post ∅ .109 ± .002 [2.77] .220 ± .003 [5.59] .158 ± .002 [4.01] See Detail A F .029 ± .001 [0.74] Position 2 .110 ± .002 [2.79] Position 1 CL CL CL CL G Ejector Latches Dimensions H Min None .775 [19.69] Long 1.085 [27.56] Short 1.21 [30.73] No. of Positions Dimensions F G 20 .450 [11.43] N/A 26 .600 [15.24] .025 [0.64] 36 .850 [21.59] N/A 40 .950 [24.13] N/A 50 1.200 [30.48] .025 [.64] 60 1.450 [36.83] 0.000 68 1.650 [41.91] 0.000 80 1.950 [49.53] 0.000 100 2.450 [62.23] 0.000 |