| Moteur de recherche de fiches techniques de composants électroniques |
|
810 Fiches technique(PDF) 4 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
810 Fiches technique(HTML) 4 Page - 3M Electronics |
|
4 / 8 page ![]() 3 Electronic Solutions Division Interconnect Solutions http://www.3Mconnectors.com 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle 810 Series TS-0253-K Sheet 4 of 7 Table 4 Contact Quantity Dimensions A B C Short (Ref.) C Long (Ref.) D 020 1.060 [26.92] 0.722 [18.34] 1.671 [42.44] 1.842 [46.79] 0.860 [21.84] 026 1.210 [30.73] 0.872 [22.15] 1.821 [46.25] 1.992 [50.60] 1.010 [25.65] 036 1.460 [37.08] 1.122 [28.50] 2.071 [2.60] 2.242 [56.95] 1.260 [32.00] 040 1.560 [39.62] 1.222 [31.04] 2.171 [55.14] 2.342 [59.49] 1.360 [34.54] 050 1.810 [45.97] 1.472 [37.39] 2.421 [61.49] 2.592 [65.84] 1.610 [40.89] 060 2.060 [52.32] 1.722 [43.74] 2.671 [67.84] 2.842 [72.19] 1.860 [47.24] 068 2.260 [57.40] 1.922 [48.82] 2.871 [72.92] 3.042 [77.27] 2.060 [52.32] 080 2.560 [65.02] 2.222 [56.44] 3.171 [80.54] 3.342 [84.89] 2.360 [59.94] 100 3.060 [77.72] 2.722 [69.14] 3.671 [93.24] 3.842 [97.59] 2.860 [72.64] C Notes: 1. This polarization bump does not exist on the 20 position header. 2. Recommended to be mated to the .050" x .100" 820 Series Socket. Ordering Information PTH Straight Header 81XXX - 6X0X0X - XX Ejector/Latch System: 0 = None (Special Order) 5 = With Short Ejectors Installed (Special Order) 6 = With Long Ejector Latches Installed (Standard) Contact Tail: 2 = Solder Tail for .062 [ 1.57 ] PC Board (Standard) 3 = Solder Tail for .094 [ 2.39 ] PC Board (Special Order) 4 = Solder Tail for .125 [ .318 ] PC Board (Special Order) Plating suffix: blank = 125 µ" tin lead tails (RIA E3 & C2 apply) RB = 250 µ" matte tin tails (RIA E1 & C1 apply) Contact Quantity (See Table 4) Ejector Latches (If Ordered Separately) Long Latches 3505-28B (black) Short Latches 3505-29B (black) A B See Note 1 Position 2 .310 [7.87] Position 1 .015 X .015 [ 0.38 ] X [ 0.38 ] .050 Typ [1.27] .100 Ref [2.54] Optional Press t post mount alignment feature Position 1 Orientation Triangle [0.38 X 0.38] 4.18 .165 ±.010 2.34 .092 2X 10.29 .405 .38 .015 21.03 .828 Ref 15.75 .620 Ref 2,95 .116 2XØ 11.17 .440 ±.010 .015 X.015 D .265 [6.73] .140 ± .010 “F” (See Table 2) .100 [2.54] .05 Ref Contact Mating Point Table 5 PCB Thickness "F" Solder Tail Length ± .010 .062 [1.57] .092 [2.34] .094 [2.39] .110 [2.79] Board Mounting Options: 1 = None (Special Order) 3 = Press fit posts both ends (Standard) |