Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E39-R1 Fiches technique(PDF) 56 Page - Omron Electronics LLC

No de pièce E39-R1
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Fiches technique(HTML) 56 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 52Page - Omron Electronics LLC E39-R1 Datasheet HTML 53Page - Omron Electronics LLC E39-R1 Datasheet HTML 54Page - Omron Electronics LLC E39-R1 Datasheet HTML 55Page - Omron Electronics LLC E39-R1 Datasheet HTML 56Page - Omron Electronics LLC E39-R1 Datasheet HTML 57Page - Omron Electronics LLC E39-R1 Datasheet HTML 58Page - Omron Electronics LLC E39-R1 Datasheet HTML 59Page - Omron Electronics LLC E39-R1 Datasheet HTML 60Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
E3X
E3X
13
Reflector
Reflector (Small)
E39-R3
Reflector
E39-R1
Note:
Mounting bracket is
attached.
11
Adhesive tape
0.2
25.4
38
Two, M3
2.6
1.2
34.8
Two, 3.5 dia.
34
2.7
1.6
52
7.5
7
19.3
34
20
59.9
40.3
8
Attachments
E39-F1
Lens Kit
E39-F3
Convergent Beam Conversion Kit
Note:
One set includes two units.
E39-F2
Side-view Attachment
E39-F5
Side-view Diffuse Reflective Conversion Kit
(for the E32-TC200A)
E39-F3A
Reflective Lens Unit (for the E32-D32)
4 dia.
M2.6 x 0.45
Effective depth: 3.8
Spot facing depth: 0.9
4 dia.
M2.6
Effective depth: 3.2
Spot facing depth: 0.9
2.8 dia.
9.2
Two, 4 dia.
6.4
M3 toothed
washers
Two, M3 x 3 Slotted
head machine screw
M3 x 6 Angle
fixing screw
6.5
6.4
20.7
Sensing hole
Two, 3.2 dia.
Two, 3.2 dia.
Mounting hole
10.5+0.1
2.6
Two, M3
Fiber unit mounting
holes (E32-TC200A)
2.1
4
13
M2 x 2
4 dia.
6 dia.
23
Lens (3.7 dia.)
2.1 dia.
4
8+0.2
3
3.6
8.5
+0.2
0
Two, 3.2
dia.
18
8.9
5.7
5
3
18
12
12.2
13
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64