| Moteur de recherche de fiches techniques de composants électroniques |
|
E39-R1 Fiches technique(PDF) 54 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R1 Fiches technique(HTML) 54 Page - Omron Electronics LLC |
|
54 / 64 page ![]() E3X E3X 11 Mounting Holes 0.5-mm Wide Silt Seal (Sold in Pairs) 1-mm Wide Silt Seal (Sold in Pairs) 10.2 4 3.2 2 (R) 20 4 2 (R) 2 (R) 1.2 15.5 8.85 3 6 dia. 2,000 27 Two, M3 8.4 Fiber 2.2 dia. Mounting bracket E39-L4 33 43.2 5.5 4.5 11 2.3 3.2 Two, 3.2 dia. Lens (2 x 10) (PMMA) 6 0.5 4 15 23 6 1 4 15 23 Black Black Sensing head (ABS) E32-T16P 0.5-mm-wide Slit Seal (Sold in Pairs) 1-mm-wide Slit Seal (Sold in Pairs) E32-T16P with E39-L94 Mounting 14.5 Two, 3.2 dia., 6 dia counter sinking 19 4 Sensing head (heat-resistive ABS) 2.2-dia. optical fiber 27 20 Sensing head (2 x 11) (PMMA) 35 2 4 4.8 Two, M3 4 12.2 3.2 Sensing head 43.2 2.2-dia. fiber E39-L94 Mounting Bracket 4 23.2 3.4 0.5 26.4 Black Black 3.4 1 26.4 20 20 58 20 25 10.7 4 2,000 13.4 13.4 52 19 20 20 E32-T16 54 |