Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EUP9232 Fiches technique(PDF) 8 Page - Eutech Microelectronics Inc

No de pièce EUP9232
Description  LI-ION/POLYMER TWO CELL PROTECTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EUTECH [Eutech Microelectronics Inc]
Site Internet  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP9232 Fiches technique(HTML) 8 Page - Eutech Microelectronics Inc

Back Button EUP9232 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP9232 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP9232 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP9232 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP9232 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP9232 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP9232 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP9232 Datasheet HTML 11Page - Eutech Microelectronics Inc EUP9232 Datasheet HTML 12Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
EUP9232
DS9232 Ver1.1 Feb. 2007
8
Electrical Characteristics (2) Except detection delay time (-20°C to +70°C)
(Ta= -20°C to +70°C unless otherwise specified)
Current Consumption
IOPE
Current consumption
during normal
operation
V1=V2=3.6V
-
5
11
µA
4
2
IPDN
Current consumption at power down
V1=V2=1.5V
-
-
0.1
µA
4
2
Output Voltage
VDO(H) DO voltage “H”
IOUT=10µA
VCC
-0.14
VCC
-0.003
VCC
V
6
3
VDO(L) DO voltage “L”
IOUT=10µA
VSS
VSS
+0.003
VSS
+0.14
V
6
3
VCO(H) CO voltage “H”
IOUT=10µA
VCC
-0.24
VCC
-0.019
VCC
V
7
4
VCO(L) CO voltage “L”
IOUT=10µA
VSS
VSS
+0.003
VSS
+0.14
V
7
4
Internal Resistance
RVCM
Resistance between VCC and VM
V1=V2=1.5V
VVM=0V
83
300
1200
kΩ
5
2
RVSM
Resistance between VSS and VM
V1=V2=3.5V
VVM=1.0V
40
100
190
kΩ
5
2
0V Battery Charging Function
V0CHA
0V battery charge starting charger
voltage
0V battery charging
function “available”
0.29
0.75
1.21
V
11
6
V0INH1,2
0V battery charge
inhibition battery
voltage 1,2
0V battery charging
function
“unavailable”
0.23
0.88
1.53
V
12,13
6
*1. Temperature coefficient 1 for detection voltage should be applied to overcharge detection voltage, overcharge release voltage,
overdischarge detection voltage, and overdischarge release voltage.
*2. Temperature coefficient 2 for detection voltage should be applied to overcurrent detection voltage.
*3. The DO and CO pin logic are established at the operating voltage.
Electrical Characteristics (3) Except detection delay time (-40°C to +85°C)
(Ta= -40°C to +85°C unless otherwise specified)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Test
Condition
Test
Circuit
Detection Voltage
VCU1,2 Overcharge detection voltage 1,2
3.90 to 4.60V
Adjustable
VCU1,2
-0.055
VCU1,2
VCU1,2
+0.045
V
1,2
1
VCUaux1,2 Auxiliary overcharge detection voltage 1,2
VCU1,2× 1.25
VCU1,2
×1.19
VCU1,2
×1.25
VCU1,2
×1.31
V
1,2
1
VCD1,2 Overcharge release voltage 1,2
3.60 to 4.60V
Adjustable
VCD1,2
-0.080
VCD1,2
VCD1,2
+0.070
V
1,2
1
VDD1,2 Overdischarge detection voltage 1,2
1.70 to 2.60V
Adjustable
VDD1,2
-0.110
VDD1,2
VDD1,2
+0.100
V
1,2
1
VDU1,2 Overdischarge release voltage 1,2
1.70 to 3.80V
Adjustable
VDU1,2
-0.130
VDU1,2
VDU1,2
+0.120
V
1,2
1
VIOV1
Overcurrent detection voltage1
0.07 to 0.03V
Adjustable
V IOV1
-0.033
V IOV1
V IOV1
+0.033
V
3
1
VIOV2
Overcurrent detection voltage 2
Load short circuit
0.4
0.9
1.4
V
3
1
TCOE1
Temperature coefficient 1 for detection
voltage *1
Ta= -40 to +85°C
-0.6
0
0.6
mV/°C
---
---
TCOE2
Temperature coefficient 2 for detection
voltage *2
Ta= -40 to +85°C
-0.24
-0.05
0
mV/°C
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com