Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS451 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce FS451
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FS451 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  FS451 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
4
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
Figure 1: Typical System Block Diagram ................ 2
Figure 2: FS450 Functional Block Diagram ............. 5
Figure 3: GCC Frame Format ................................ 6
Figure 4: CCIR 601/656 Field Format...................... 7
Figure 5: GCC
⇒ TV Output Only ..........................8
Figure 6: GCC or DVD output switched
⇒ TV .........9
Figure 7: Multiple digital video sources blended
⇒ TV ......................................................... 10
Figure 8: CCIR 656 Timing Block Diagram ............ 30
Figure 9: Auxiliary NTSC Reference Signals.......... 31
Figure 10: Auxiliary PAL Reference Signals .......... 31
Figure 11. SIO Translation Using Long-tail
Resistors D1 = 1N4148................................ 53
Figure 12. SIO Translation Using Current Mirrors
D1 = 1N4148, Q1 = 2N3906, Q2 = 2N3904 .... 54
Figure 13: Package Outline & Dimensions ............ 58
Table 1: FS45x Pin Assignments......................... 11
Table 2: FS450 to GCC Pin Mapping.................... 12
Table 3: SAV and EAV Control Words.................. 24
Table 4: GCC Port Mapping (UIM_MOD)............... 24
Table 5: NCO_LOAD Control Bits......................... 34
Table 6: NOTCH_FRQ Values.............................. 50
Table 7: Typical Register Values for Various
Standards ................................................... 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60