Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS451 Fiches technique(PDF) 21 Page - List of Unclassifed Manufacturers

No de pièce FS451
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FS451 Fiches technique(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FS451 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 21Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 22Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 23Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 24Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
21
COPYRIGHT
©
© 1999,2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.3 IHW - Input Horizontal Width
Input Horizontal Width Low (4)
7
6
5
4
3
2
1
0
IHW7
IHW6
IHW5
IHW4
IHW3
IHW2
IHW1
IHW0
Input Horizontal Width High (5)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
IHW9
IHW8
Reg
Bit#
Bit Name
Description
5, 4
1-0, 7-0
IHW9-0
Input horizontal width [9:0]. Total number of active VGA pixels
per line. IHW is an unsigned number.
Range: {0 : 970}
6.2.4 VSC – Vertical Scaling Coefficient
Vertical Scaling Coefficient (6)
7
6
5
4
3
2
1
0
VSC7
VSC6
VSC5
VSC4
VSC3
VSC2
VSC1
VSC0
Vertical Scaling Coefficient (7)
7
6
5
4
3
2
1
0
VSC15
VSC14
VSC13
VSC12
VSC11
VSC10
VSC9
VSC8
Reg
Bit#
Bit Name
Description
7, 6
7-0
VSC7-0
Vertical scaling coefficient bits [15:0]. Vertical down scaling
factor = (1 + VSC/65,536). VSC is a two's complement number. If
VSC => 0, then the image is not effected.
Range: { [-32,769]:0}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60