Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP1000ALF-DS-R06 Fiches technique(PDF) 42 Page - List of Unclassifed Manufacturers

No de pièce IP1000ALF-DS-R06
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF-DS-R06 Fiches technique(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF-DS-R06 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
42/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
MACCtrl
register,
and
a
logic
0
to
the
McstFramesRcvdOk bit within the StatisticsMask
register.
3.2.1.19 McstFramesXmtdOk
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xE0
Default Value ................ 0x00000000
Access Rule.................. Double Word
Width ............................ 32 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
31..0
McstFramesXmtd
Ok
Multicast Frames Transmitted OK is a count of the
number
of
frames
that
are
successfully
transmitted to a group destination address other
than the broadcast address (0xFFFFFFFFFFFF).
McstFramesXmtdOk will wrap around to zero after
reaching 0xFFFFFFFF. See IEEE 802.3 Clause
30.3.1.1.18.
An UpdateStats interrupt (UpdateStats bit within
the
IntStatus
register)
will
occur
when
McstFramesXmtdOk
reaches
a
value
of
0xC0000000. McstFramesXmtdOk is enabled by
writing a logic 1 to the StatisticsEnable bit in the
MACCtrl
register,
and
a
logic
0
to
the
McstFramesXmtdOk bit within the StatisticsMask
register.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75