Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP1000ALF-DS-R06 Fiches technique(PDF) 40 Page - List of Unclassifed Manufacturers

No de pièce IP1000ALF-DS-R06
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF-DS-R06 Fiches technique(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF-DS-R06 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP1000ALF-DS-R06 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
40/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
LateCollisions reaches a value of 0xC0000000.
LateCollisions is enabled by writing a logic 1 to the
StatisticsEnable bit in the MACCtrl register, and a
logic 0 to the LateCollisions bit within the
StatisticsMask register.
3.2.1.16 MacControlFramesRcvd
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xC6
Default Value ................ 0x0000
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
15..0
MacControl-
FramesRcvd
MAC Control Frames Received is a count of the
number of MAC control PAUSE frames, and only
PAUSE
frames,
received
successfully.
MacControlFramesRcvd will wrap around to zero
after reaching 0xFFFF.
An UpdateStats interrupt (UpdateStats bit within
the
IntStatus
register)
will
occur
when
MacControlFramesRcvd
reaches
a
value
of
0xC000. MacControlFramesRcvd is enabled by
writing a logic 1 to the StatisticsEnable bit in the
MACCtrl
register,
and
a
logic
0
to
the
MacControlFramesRcvd
bit
within
the
StatisticsMask register.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75