| Moteur de recherche de fiches techniques de composants électroniques |
|
XC6413 Fiches technique(PDF) 16 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6413 Fiches technique(HTML) 16 Page - Torex Semiconductor |
|
16 / 20 page ![]() 16/20 XC6413/XC6414 Series ■ TIMING CHART ● Using the VD output level signal as the reset signal of T-FF (VD Sense = VIN PIN) ● Changing the VD output level signal into a one shot pulse to use T-FF as the reset signal (VD Sense = VIN PIN) ● Changing the VD output level signal into a one shot pulse to use T-FF as the reset signal (VD Sense = VROUT PIN) 1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please strengthen VIN and VSS wiring in particular. 3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible. Should rapid input fluctuation or load fluctuation occur, please increase the capacitor value such as CIN or CL to stabilize the operation. ■ NOTES ON USE The circled letters correspond to those shown on the block diagram The circled letters correspond to those shown on the block diagram XC6413/14B Series |