Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F429NEY6XXX Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce STM32F429NEY6XXX
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NEY6XXX Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button STM32F429NEY6XXX Datasheet HTML 68Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 69Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 70Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 71Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 72Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 73Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 74Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 75Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 231 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
72/231
DocID024030 Rev 6
PF6
NIORD
PF7
NREG
PF8
NIOWR
PF9
CD
PF10
INTR
PG6
INT2
PG7
INT3
PE0
NBL0
NBL0
NBL0
PE1
NBL1
NBL1
NBL1
PI4
NBL2
NBL2
PI5
NBL3
NBL3
PG8
SDCLK
PC0
SDNWE
PF11
SDNRAS
PG15
SDNCAS
PH2
SDCKE0
PH3
SDNE0
PH6
SDNE1
PH7
SDCKE1
PH5
SDNWE
PC2
SDNE0
PC3
SDCKE0
PB5
SDCKE1
PB6
SDNE1
Table 11. FMC pin definition (continued)
Pin name
CF
NOR/PSRAM/
SRAM
NOR/PSRAM
Mux
NAND16
SDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More