Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F429NEY6XXX Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce STM32F429NEY6XXX
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NEY6XXX Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button STM32F429NEY6XXX Datasheet HTML 63Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 64Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 65Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 66Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 67Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 68Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 69Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 70Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 231 page
background image
DocID024030 Rev 6
67/231
STM32F427xx STM32F429xx
Pinouts and pin description
83
89
133
B6
A10 161 B7 192 A10
PB3
(JTDO/TRACE
SWO)
I/O FT
JTDO/TRACESWO,
TIM2_CH2, SPI1_SCK,
SPI3_SCK/I2S3_CK,
EVENTOUT
90
134
A6
A9
162 C7 193
A9
PB4
(NJTRST)
I/O FT
NJTRST, TIM3_CH1,
SPI1_MISO,
SPI3_MISO,
I2S3ext_SD,
EVENTOUT
91
135
D5
A6
163 C8 194
A8
PB5
I/O FT
TIM3_CH2,
I2C1_SMBA,
SPI1_MOSI,
SPI3_MOSI/I2S3_SD,
CAN2_RX,
OTG_HS_ULPI_D7,
ETH_PPS_OUT,
FMC_SDCKE1,
DCMI_D10,
EVENTOUT
92
136
C5
B6
164 A8 195
B6
PB6
I/O FT
TIM4_CH1, I2C1_SCL,
USART1_TX,
CAN2_TX,
FMC_SDNE1,
DCMI_D5, EVENTOUT
93
137
B5
B5
165 B8 196
B5
PB7
I/O FT
TIM4_CH2, I2C1_SDA,
USART1_RX, FMC_NL,
DCMI_VSYNC,
EVENTOUT
94
138
A5
D6
166 C9 197
E6
BOOT0
I
B
VPP
95
139
D4
A5
167 A9 198
A7
PB8
I/O FT
TIM4_CH3,
TIM10_CH1,
I2C1_SCL, CAN1_RX,
ETH_MII_TXD3,
SDIO_D4, DCMI_D6,
LCD_B6, EVENTOUT
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More